Electronic Components Datasheet Search
  English  ▼

X  

SCN2652 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SCN2652
Description  Multi-protocol communications controller (MPCC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN2652 Datasheet(HTML) 4 Page - NXP Semiconductors

  SCN2652 Datasheet HTML 1Page - NXP Semiconductors SCN2652 Datasheet HTML 2Page - NXP Semiconductors SCN2652 Datasheet HTML 3Page - NXP Semiconductors SCN2652 Datasheet HTML 4Page - NXP Semiconductors SCN2652 Datasheet HTML 5Page - NXP Semiconductors SCN2652 Datasheet HTML 6Page - NXP Semiconductors SCN2652 Datasheet HTML 7Page - NXP Semiconductors SCN2652 Datasheet HTML 8Page - NXP Semiconductors SCN2652 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Philips Semiconductors
Product specification
SCN2652/SCN68652
Multi-protocol communications controller (MPCC)
1995 May 01
4
PIN DESCRIPTION
MNEMONIC
PIN NO.
TYPE
NAME AND FUNCTION
DB15–DB00
17–10
24–31
I/O
Data Bus: DB07–DB00 contain bidirectional data while DB15–DB08 contain control and status
information to or from the processor. Corresponding bits of the high and low order bytes can be wire
OR’ed onto an 8-bit bus. The data bus is floating if either CE or DBEN are low.
A2–A0
19–21
I
Address Bus: A2–A0 select internal registers. The four 16-bit registers can be addressed on a word or
byte basis. See Register Address section.
BYTE
22
I
Byte: Single byte (8-bit) data bus transfers are specified when this input is high. A low level specifies
16-bit data bus transfers.
CE
1
I
Chip Enable: A high input permits a data bus operation when DBEN is activated.
R/W
18
I
Read/Write: R/W controls the direction of data bus transfer. When high, the data is to be loaded into the
addressed register. A low input causes the contents of the addressed register to be presented on the
data bus.
DBEN
23
I
Data Bus Enable: After A2–A0, CE, BYTE and R/W are set up, DBEN may be strobed. During a read,
the 3-state data bus (DB) is enabled with information for the processor. During a write, the stable data is
loaded into the addressed register and TxBE will be reset if TDSR was addressed.
RESET
33
I
Reset: A high level initializes all internal registers (to zero) and timing.
MM
40
I
Maintenance Mode: MM internally gates TxSO back to RxSI and TxC to RxC for off line diagnostic
purposes. The RxC and RxSI inputs are disabled and TxSO is high when MM is asserted.
RxE
8
I
Receiver Enable: A high level input permits the processing of RxSI data. A low level disables the
receiver logic and initializes all receiver registers and timing.
RxA
5
O
Receiver Active: RxA is asserted when the first data character of a message is ready for the processor.
In the BOP mode this character is the address. The received address must match the secondary station
address if the MPCC is a secondary station. In BCP mode, if strip-SYNC (PCSAR13) is set, the first
non-SYNC character is the first data character; if strip-SYNC is zero, the character following the second
SYNC is the first data character. In the BOP mode, the closing FLAG resets RxA. In the BCP mode, RxA
is reset by a low level at RxE.
RxDA*
6
O
Receiver Data Available: RxDA is asserted when an assembled character is in RDSRL and is ready to
be presented to the processor. This output is reset when RDSRL is read.
RxC
2
I
Receiver Clock: RxC (1X) provides timing for the receiver logic. The positive going edge shifts serial
data into the RxSR from RxSI.
S/F
4
O
SYNC/FLAG: S/F is asserted for one RxC clock time when a SYNC or FLAG character is detected.
RxSA*
7
O
Receiver Status Available: RxSA is asserted when there is a zero to one transition of any bit in RDSRH
except for RSOM. It is cleared when RDSRH is read.
RxSI
3
I
Receiver Serial Input: RxSI is the received serial data. Mark = ‘1’, space = ‘0’.
TxE
37
I
Transmitter Enable: A high level input enables the transmitter data path between TDSRL and TxSO. At
the end of a message, a low level input causes TxSO = 1(mark) and TxA = 0 after the closing FLAG
(BOP) or last character (BCP) is output on TxSO.
TxA
34
O
Transmitter Active: TxA is asserted after TSOM (TDSR8) is set and TxE is raised. This output will reset
when TxE is low and the closing FLAG (BOP) or last character (BCP) has been output on TxSO.
TxBE*
35
O
Transmitter Buffer Empty: TxBE is asserted when theTDSR is ready to be loaded with new control
information or data. The processor should respond by loading theTDSR which resets TxBE.
TxU*
36
O
Transmitter Underrun: TxU is asserted during a transmit sequence when the service of TxBE has been
delayed for one character time. This indicates the processor is not keeping up with the transmitter. Line
fill depends on PCSAR11. TxU is reset by RESET or setting of TSOM (TDSR8), synchronized by the
falling edge of TxC.
TxC
39
I
Transmitter Clock: TxC (1X) provides timing for the transmitter logic. The positive going edge shifts
data out of the TxSR to TxSO.
TxSO
38
O
Transmitter Serial Output: TxSO is the transmitted serial data. Mark = ‘1’, space = ‘0’.
VCC
32
I
+5V: Power supply.
GND
9
I
Ground: 0V reference ground.
*Indicates possible interrupt signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com