Electronic Components Datasheet Search
  English  ▼

X  

591D Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 591D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 591D Datasheet HTML 2Page - Vishay Siliconix 591D Datasheet HTML 3Page - Vishay Siliconix 591D Datasheet HTML 4Page - Vishay Siliconix 591D Datasheet HTML 5Page - Vishay Siliconix 591D Datasheet HTML 6Page - Vishay Siliconix 591D Datasheet HTML 7Page - Vishay Siliconix 591D Datasheet HTML 8Page - Vishay Siliconix 591D Datasheet HTML 9Page - Vishay Siliconix 591D Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
591D
www.vishay.com
Vishay Sprague
Revision: 26-Jun-17
6
Document Number: 40012
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
25 VDC AT +85 °C; 17 VDC AT +125 °C
2.2
A
591D225(1)025A(2)(3)15H
1.5
0.6
6
5.000
0.11
2.2
B
591D225(1)025B(2)(3)15H
1.5
0.6
6
3.800
0.15
3.3
B
591D335(1)025B(2)(3)15H
1.5
0.8
6
3.700
0.15
3.3
C
591D335(1)025C(2)(3)15H
1.5
0.8
6
1.000
0.32
4.7
C
591D475(1)025C(2)(3)15H
1.5
1.2
6
0.800
0.35
6.8
C
591D685(1)025C(2)(3)15H
1.5
1.7
6
0.750
0.37
6.8
D
591D685(1)025D(2)(3)15H
1.5
1.7
6
0.650
0.44
10
B
591D106X0025B(2)(3)15H
1.5
2.5
6
1.000
0.28
10
D
591D106(1)025D(2)(3)15H
1.5
2.5
6
0.600
0.46
10
R
591D106(1)025R(2)(3)15H
1.5
2.5
6
0.240
0.79
15
R
591D156(1)025R(2)(3)15H
1.5
3.8
6
0.200
0.87
33
C
591D336(1)025C(2)(3)16H
1.6
8.3
6
0.250
0.63
33
C
591D336(1)025C(2)(3)20H
2.0
8.3
6
0.250
0.66
47
D
591D476(1)025D(2)(3)20H
2.0
11.8
8
0.150
0.97
68
R
591D686(1)025R(2)(3)20H
2.0
17.0
8
0.175
1.00
35 VDC AT +85 °C; 23 VDC AT +125 °C
1.0
A
591D105(1)035A(2)(3)15H
1.5
0.5
4
5.000
0.11
1.0
B
591D105(1)035B(2)(3)15H
1.5
0.5
4
4.400
0.13
1.5
B
591D155(1)035B(2)(3)15H
1.5
0.5
4
3.800
0.15
2.2
B
591D225(1)035B(2)(3)15H
1.5
0.8
6
4.000
0.14
2.2
C
591D225(1)035C(2)(3)15H
1.5
0.8
6
2.000
0.22
3.3
B
591D335(1)035B(2)(3)15H
1.5
1.2
6
3.500
0.15
3.3
C
591D335(1)035C(2)(3)15H
1.5
1.2
6
1.900
0.23
3.3
D
591D335(1)035D(2)(3)15H
1.5
1.2
6
1.500
0.29
4.7
B
591D475(1)035B(2)(3)15H
1.5
1.6
6
0.800
0.32
6.8
D
591D685(1)035D(2)(3)15H
1.5
2.4
6
0.950
0.36
6.8
R
591D685(1)035R(2)(3)15H
1.5
2.4
6
0.750
0.45
10
R
591D106(1)035R(2)(3)15H
1.5
3.5
6
0.600
0.50
50 VDC AT +85 °C; 33 VDC AT +125 °C
1.0
B
591D155(1)050B(2)(3)15H
1.5
0.8
6
6.500
0.11
4.7
C
591D475(1)050C(2)(3)20H
2.0
23.5
6
6.000
0.14
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
HEIGHT
MAX.
(mm)
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Tolerance: for 10 % tolerance, specify “X9”; for 20 % tolerance, change to “X0”
(2) Termination: for 100 % tin specify “2”, for gold plated specify “4”, for solder plated 60/40 specify “8”
(3) Packaging code: for 7" reels specify “T”, for 13" reels specify “W”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com