Electronic Components Datasheet Search
  English  ▼

X  

591D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 591D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D Datasheet(HTML) 3 Page - Vishay Siliconix

  591D Datasheet HTML 1Page - Vishay Siliconix 591D Datasheet HTML 2Page - Vishay Siliconix 591D Datasheet HTML 3Page - Vishay Siliconix 591D Datasheet HTML 4Page - Vishay Siliconix 591D Datasheet HTML 5Page - Vishay Siliconix 591D Datasheet HTML 6Page - Vishay Siliconix 591D Datasheet HTML 7Page - Vishay Siliconix 591D Datasheet HTML 8Page - Vishay Siliconix 591D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
591D
www.vishay.com
Vishay Sprague
Revision: 26-Jun-17
3
Document Number: 40012
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
HEIGHT
MAX.
(mm)
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
4 VDC AT +85 °C; 2.7 VDC AT +125 °C
22
A
591D226(1)004A(2)(3)15H
1.5
0.9
6
1.200
0.22
22
B
591D226(1)004B(2)(3)15H
1.5
0.9
6
0.800
0.32
33
B
591D336(1)004B(2)(3)15H
1.5
1.3
6
0.800
0.32
47
B
591D476(1)004B(2)(3)15H
1.5
1.9
6
0.800
0.32
47
C
591D476(1)004C(2)(3)15H
1.5
1.9
6
0.200
0.71
68
B
591D686(1)004B(2)(3)15H
1.5
2.7
6
0.800
0.32
68
C
591D686(1)004C(2)(3)15H
1.5
2.7
6
0.180
0.75
68
D
591D686(1)004D(2)(3)15H
1.5
2.7
6
0.140
0.94
100
D
591D107(1)004D(2)(3)15H
1.5
4.0
8
0.130
0.98
100
R
591D107(1)004R(2)(3)15H
1.5
4.0
8
0.110
1.17
150
C
591D157(1)004C(2)(3)15H
1.5
6.0
8
0.150
0.82
150
R
591D157(1)004R(2)(3)15H
1.5
6.0
8
0.100
1.22
220
C
591D227(1)004C(2)(3)20H
2.0
8.8
8
0.075
1.21
220
D
591D227(1)004D(2)(3)15H
1.5
8.8
8
0.100
1.12
330
C
591D337(1)004C(2)(3)20H
2.0
13.2
8
0.070
1.25
330
D
591D337(1)004D(2)(3)20H
2.0
13.2
8
0.060
1.53
470
C
591D477(1)004C(2)(3)20H
2.0
18.8
8
0.070
1.25
470
D
591D477(1)004D(2)(3)20H
2.0
18.8
8
0.060
1.53
470
R
591D477(1)004R(2)(3)20H
2.0
18.8
10
0.045
1.97
680
D
591D687(1)004D(2)(3)20H
2.0
27.2
12
0.085
1.28
680
R
591D687(1)004R(2)(3)20H
2.0
27.2
12
0.045
1.97
1000
R
591D108(1)004R(2)(3)20H
2.0
40.0
14
0.050
1.87
6.3 VDC AT +85 °C; 4 VDC AT +125 °C
10
A
591D106(1)6R3A(2)(3)15H
1.5
0.6
6
1.900
0.18
15
A
591D156(1)6R3A(2)(3)15H
1.5
0.9
6
1.300
0.21
15
B
591D156(1)6R3B(2)(3)15H
1.5
0.9
6
0.800
0.32
22
A
591D226(1)6R3A(2)(3)13H
1.3
1.4
6
0.800
0.26
22
B
591D226(1)6R3B(2)(3)15H
1.5
1.4
6
0.800
0.32
33
A
591D336(1)6R3A(2)(3)15H
1.5
2.1
6
1.000
0.24
33
B
591D336(1)6R3B(2)(3)15H
1.5
2.1
6
0.800
0.32
33
C
591D336(1)6R3C(2)(3)15H
1.5
2.1
6
0.200
0.71
47
B
591D476(1)6R3B(2)(3)15H
1.5
3.0
8
0.800
0.32
47
C
591D476(1)6R3C(2)(3)15H
1.5
3.0
6
0.200
0.71
47
D
591D476(1)6R3D(2)(3)15H
1.5
3.0
6
0.140
0.94
68
D
591D686(1)6R3D(2)(3)15H
1.5
4.3
6
0.130
0.98
68
R
591D686(1)6R3R(2)(3)15H
1.5
4.3
6
0.110
1.17
100
B
591D107(1)6R3B(2)(3)15H
1.5
6.3
8
0.500
0.40
100
C
591D107(1)6R3C(2)(3)15H
1.5
6.3
8
0.190
0.73
100
D
591D107(1)6R3D(2)(3)15H
1.5
6.3
8
0.150
0.91
100
R
591D107(1)6R3R(2)(3)15H
1.5
6.3
8
0.100
1.22
120
C
591D127(1)6R3C(2)(3)20H
2.0
7.2
8
0.100
1.05
150
C
591D157(1)6R3C(2)(3)20H
2.0
9.5
8
0.080
1.17
150
D
591D157(1)6R3D(2)(3)15H
1.5
9.5
8
0.120
1.02
150
R
591D157(1)6R3R(2)(3)15H
1.5
9.5
8
0.140
1.04
220
C
591D227(1)6R3C(2)(3)20H
2.0
13.9
8
0.075
1.21
220
D
591D227(1)6R3D(2)(3)20H
2.0
13.9
8
0.065
1.47
220
R
591D227(1)6R3R(2)(3)15H
1.5
13.9
8
0.150
1.00
Note
• Part number definitions:
(1) Tolerance: for 10 % tolerance, specify “X9”; for 20 % tolerance, change to “X0”
(2) Termination: for 100 % tin specify “2”, for gold plated specify “4”, for solder plated 60/40 specify “8”
(3) Packaging code: for 7" reels specify “T”, for 13" reels specify “W”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com