Electronic Components Datasheet Search
  English  ▼

X  

591D Datasheet(PDF) 22 Page - Vishay Siliconix

Part # 591D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D Datasheet(HTML) 22 Page - Vishay Siliconix

Back Button 591D Datasheet HTML 16Page - Vishay Siliconix 591D Datasheet HTML 17Page - Vishay Siliconix 591D Datasheet HTML 18Page - Vishay Siliconix 591D Datasheet HTML 19Page - Vishay Siliconix 591D Datasheet HTML 20Page - Vishay Siliconix 591D Datasheet HTML 21Page - Vishay Siliconix 591D Datasheet HTML 22Page - Vishay Siliconix 591D Datasheet HTML 23Page - Vishay Siliconix 591D Datasheet HTML 24Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Typical Performance Characteristics
www.vishay.com
Vishay Sprague
Revision: 21-Jun-17
2
Document Number: 40194
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• At +25 °C, the leakage current shall not exceed the value listed in the Standard Ratings table
• At +85 °C, the leakage current shall not exceed 10 times the value listed in the Standard Ratings table
• At +125 °C, the leakage current shall not exceed 12 times the value listed in the Standard Ratings table
TYPICAL LEAKAGE CURRENT TEMPERATURE FACTOR
ENVIRONMENTAL PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Surge voltage
Post application of surge voltage (as specified
in the table above) in series with a 33
Ω resistor
at the rate of 30 s ON, 30 s OFF, for 1000
successive test cycles at 85 °C
MIL-PRF-55365
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified limit
Initial specified limit
Life test at +85 °C
2000 h application of rated voltage at 85 °C
MIL-STD-202, method 108
Capacitance change
Dissipation factor
Leakage current
Within ± 10 % of initial value
Initial specified limit
Shall not exceed 125 % of initial limit
Life test at +125 °C
1000 h application 2/3 of rated voltage at 125 °C
MIL-STD-202, method 108
Capacitance change:
Cap.
≤ 600 μF
Cap. > 600 μF
Dissipation factor
Leakage current
Within ± 10 % of initial value
Within ± 20 % of initial value
Initial specified limit
Shall not exceed 125 % of initial limit
Humidity test
At 40 °C / 90 % RH, 1000 h, no voltage applied
MIL-STD-202, method 103
Capacitance change:
Cap.
≤ 600 μF
Cap. > 600 μF
Dissipation factor
Leakage current
Within ± 10 % of initial value
Within ± 20 % of initial value
Not to exceed 150 % of initial limit
Shall not exceed 200 % of initial limit
Moisture resistance
MIL-STD-202, method 106 at rated voltage,
20 cycles
Capacitance change:
Cap.
≤ 600 μF
Cap. > 600 μF
Dissipation factor
Leakage current
Within ± 15 % of initial value
Within ± 20 % of initial value
Shall not exceed 150 % of initial limit
Shall not exceed 200 % of initial limit
Thermal shock
At -55 °C / +125 °C, for 5 cycles,
30 min at each temperature
MIL-STD-202, method 107
Capacitance change:
Cap.
≤ 600 μF
Cap. > 600 μF
Dissipation factor
Leakage current
Within ± 10 % of initial value
Within ± 20 % of initial value
Initial specified limit
Initial specified limit
Percent of Rated Voltage
100
10
1.0
0.1
0.01
0.001
0
10
20
30
40
50
60
70
80
90
100
+125 °C
+85 °C
+55 °C
+25 °C
-55 °C
0 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com