Electronic Components Datasheet Search
  English  ▼

X  

591D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 591D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D Datasheet(HTML) 2 Page - Vishay Siliconix

  591D Datasheet HTML 1Page - Vishay Siliconix 591D Datasheet HTML 2Page - Vishay Siliconix 591D Datasheet HTML 3Page - Vishay Siliconix 591D Datasheet HTML 4Page - Vishay Siliconix 591D Datasheet HTML 5Page - Vishay Siliconix 591D Datasheet HTML 6Page - Vishay Siliconix 591D Datasheet HTML 7Page - Vishay Siliconix 591D Datasheet HTML 8Page - Vishay Siliconix 591D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
591D
www.vishay.com
Vishay Sprague
Revision: 26-Jun-17
2
Document Number: 40012
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• The anode termination (D less B) will be a minimum of 0.012" [0.3 mm]
(1) For package height, please refer to specific rating in the “Standard Ratings” table
DIMENSIONS in inches [millimeters]
CASE CODE
L MAX.
W
A
B
D REF.
J MAX.
A
0.146 [3.7]
0.071 ± 0.012
[1.8 ± 0.3]
0.031 ± 0.012
[0.8 ± 0.3]
0.087 ± 0.016
[2.2 ± 0.4]
0.114 [2.9]
0.004 [0.1]
B
0.157 [4.0]
0.110 + 0.012 / - 0.024
[2.8 + 0.3 / - 0.6]
0.031 ± 0.012
[0.8 ± 0.3]
0.098 ± 0.016
[2.5 ± 0.4]
0.138 [3.5]
0.004 [0.1]
C
0.28 [7.1]
0.126 ± 0.012
[3.2 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.3]
0.173 ± 0.024
[4.4 ± 0.6]
0.236 [6.0]
0.004 [0.1]
D
0.295 [7.5]
0.169 ± 0.012
[4.3 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.3]
0.181 ± 0.024
[4.6 ± 0.6]
0.252 [6.4]
0.004 [0.1]
M
0.295 [7.5]
0.248 ± 0.012
[6.3 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.3]
0.200 ± 0.024
[5.1 ± 0.6]
0.264 [6.7]
0.004 [0.1]
R
0.283 [7.2]
0.236 + 0.012 / - 0.024
[6.0 + 0.3 / - 0.6]
0.051 ± 0.012
[1.3 ± 0.3]
0.181 ± 0.024
[4.6 ± 0.6]
0.244 [6.2]
0.004 [0.1]
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
1.0
A / B
B
1.5
B
2.2
AA / B
B / C
3.3
B / C
B / C / D
4.7
A
A
A / B
C
B
C
6.8
A
A / B
B / C
C / D
D / R
10
A
A / B
B / C
B / D
B / D / R
R
15
A / B
B
B / D
C
R
22
A / B
A / B
A / B / C
C / D
D / R
33
B
A / B / C
C / D
C / D / R
R
C
47
B / C
B / C / D
D / R
C / R
D
68
B / C / D
D / R
C / D / R
C / D
R
100
D / R
B / C / D / R
B / C / D
C / D
R
120
C
150
C / R
C / D / R
C / D
D / R
220
C / D
C / D / R
D / R
R
330
C / D
C / D / R
D / R
470
C / D / R
C / D / R
680
D / R
R
1000
R
R
1500
M / R
L
A
B
D
MAX.
REF.
W
J
J
H
(1)
MAX.
MAX.
Tantalum wire
nib identifies
anode (+)
terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com