Electronic Components Datasheet Search
  English  ▼

X  

591D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 591D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D Datasheet(HTML) 4 Page - Vishay Siliconix

  591D Datasheet HTML 1Page - Vishay Siliconix 591D Datasheet HTML 2Page - Vishay Siliconix 591D Datasheet HTML 3Page - Vishay Siliconix 591D Datasheet HTML 4Page - Vishay Siliconix 591D Datasheet HTML 5Page - Vishay Siliconix 591D Datasheet HTML 6Page - Vishay Siliconix 591D Datasheet HTML 7Page - Vishay Siliconix 591D Datasheet HTML 8Page - Vishay Siliconix 591D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
591D
www.vishay.com
Vishay Sprague
Revision: 26-Jun-17
4
Document Number: 40012
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6.3 VDC AT +85 °C; 4 VDC AT +125 °C
330
C
591D337(1)6R3C(2)(3)20H
2.0
20.8
12
0.150
0.86
330
D
591D337(1)6R3D(2)(3)20H
2.0
20.8
8
0.060
1.53
330
R
591D337(1)6R3R(2)(3)20H
2.0
20.8
8
0.045
1.97
470
C
591D477X06R3C(2)(3)16H
1.6
29.6
14
0.080
1.12
470
C
591D477(1)6R3C(2)(3)20H
2.0
29.6
14
0.080
1.17
470
D
591D477(1)6R3D(2)(3)20H
2.0
29.6
10
0.085
1.28
470
R
591D477(1)6R3R(2)(3)20H
2.0
29.6
10
0.045
1.97
680
R
591D687(1)6R3R(2)(3)16H
1.6
42.8
10
0.060
1.60
680
R
591D687(1)6R3R(2)(3)20H
2.0
42.8
10
0.060
1.71
1000
R
591D108(1)6R3R(2)(3)20H
2.0
63.0
29
0.075
1.53
1500
M
591D158X06R3M(2)(3)20H
2.0
95.0
50
0.060
1.87
1500
R
591D158X06R3R(2)(3)20H
2.0
95.0
50
0.060
1.71
10 VDC AT +85 °C; 7 VDC AT +125 °C
4.7
A
591D475(1)010A(2)(3)15H
1.5
0.5
6
4.000
0.12
6.8
A
591D685(1)010A(2)(3)15H
1.5
0.7
6
4.000
0.12
10
A
591D106(1)010A(2)(3)15H
1.5
1.0
6
1.300
0.21
10
B
591D106(1)010B(2)(3)15H
1.5
1.0
6
0.850
0.31
15
B
591D156(1)010B(2)(3)15H
1.5
1.5
6
0.800
0.32
22
A
591D226(1)010A(2)(3)13H
1.3
2.2
6
0.800
0.27
22
A
591D226(1)010A(2)(3)15H
1.5
2.2
6
0.900
0.26
22
B
591D226(1)010B(2)(3)15H
1.5
2.2
6
0.800
0.32
22
C
591D226(1)010C(2)(3)15H
1.5
2.2
6
0.200
0.71
33
C
591D336(1)010C(2)(3)15H
1.5
3.3
6
0.200
0.71
33
D
591D336(1)010D(2)(3)15H
1.5
3.3
6
0.140
0.94
47
D
591D476(1)010D(2)(3)15H
1.5
4.7
6
0.140
0.94
47
R
591D476(1)010R(2)(3)15H
1.5
4.7
6
0.120
1.12
68
C
591D686(1)010C(2)(3)15H
1.5
6.8
6
0.190
0.73
68
D
591D686(1)010D(2)(3)15H
1.5
6.8
6
0.130
0.98
68
R
591D686(1)010R(2)(3)15H
1.5
6.8
6
0.110
1.17
100
B
591D107(1)010B(2)(3)20H
2.0
10.0
14
0.250
0.57
100
C
591D107(1)010C(2)(3)20H
2.0
10.0
8
0.085
1.14
100
D
591D107(1)010D(2)(3)15H
1.5
10.0
8
0.130
0.98
150
C
591D157(1)010C(2)(3)15H
1.5
15.0
8
0.083
1.10
150
C
591D157(1)010C(2)(3)20H
2.0
15.0
8
0.080
1.17
150
D
591D157(1)010D(2)(3)15H
1.5
15.0
8
0.120
1.02
150
D
591D157(1)010D(2)(3)20H
2.0
15.0
8
0.075
1.37
220
D
591D227(1)010D(2)(3)20H
2.0
22.0
8
0.065
1.47
220
R
591D227(1)010R(2)(3)20H
2.0
22.0
8
0.055
1.78
330
D
591D337(1)010D(2)(3)20H
2.0
33.0
8
0.060
1.53
330
R
591D337(1)010R(2)(3)18H
1.8
33.0
8
0.050
1.81
330
R
591D337(1)010R(2)(3)20H
2.0
33.0
8
0.050
1.87
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
HEIGHT
MAX.
(mm)
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Tolerance: for 10 % tolerance, specify “X9”; for 20 % tolerance, change to “X0”
(2) Termination: for 100 % tin specify “2”, for gold plated specify “4”, for solder plated 60/40 specify “8”
(3) Packaging code: for 7" reels specify “T”, for 13" reels specify “W”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com