Electronic Components Datasheet Search
  English  ▼

X  

AD7150 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7150
Description  Converter for Proximity Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7150 Datasheet(HTML) 5 Page - Analog Devices

  AD7150_17 Datasheet HTML 1Page - Analog Devices AD7150_17 Datasheet HTML 2Page - Analog Devices AD7150_17 Datasheet HTML 3Page - Analog Devices AD7150_17 Datasheet HTML 4Page - Analog Devices AD7150_17 Datasheet HTML 5Page - Analog Devices AD7150_17 Datasheet HTML 6Page - Analog Devices AD7150_17 Datasheet HTML 7Page - Analog Devices AD7150_17 Datasheet HTML 8Page - Analog Devices AD7150_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AD7150
Rev. 0 | Page 4 of 28
Parameter
Min
Typ
Max
Unit1
Test Conditions/Comments
POWER REQUIREMENTS
VDD-to-GND Voltage
2.7
3.6
V
VDD = 3.3 V, nominal
IDD Current4
100
120
μA
IDD Current Power-Down Mode4
1
5
μA
Temperature ≤ 25°C
3
10
μA
Temperature = 85°C
1 Capacitance units: one picofarad (1 pF) = 1 × 10−12 farad (F); one femtofarad (1 fF) = 10−15 farad (F).
2 The CAPDAC can be used to shift (offset) the input range. The total capacitance of the sensor can therefore be up to the sum of the CAPDAC value and the conversion
input range. With the autoCAPDAC feature, the CAPDAC is adjusted automatically when the CDC input value is lower than 25% or higher than 75% of the CDC
nominal input range.
3 Specification is not production tested but is supported by characterization data at initial product release.
4 Digital inputs equal to VDD or GND.
TIMING SPECIFICATIONS
VDD = 2.7 V to 3.6 V; GND = 0 V; Input Logic 0 = 0 V; Input Logic 1 = VDD; –40°C to +85°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CONVERTER
Conversion Time
10
ms
Both channels, 5 ms per channel.
Wake-Up Time from Power-Down Mode1, 2
0.15
ms
Power-Up Time1, 3
2
ms
Reset Time1, 4
2
ms
SERIAL INTERFACE5, 6
See Figure 2.
SCL Frequency
0
400
kHz
SCL High Pulse Width, tHIGH
0.6
μs
SCL Low Pulse Width, tLOW
1.3
μs
SCL, SDA Rise Time, tR
0.3
μs
SCL, SDA Fall Time, tF
0.3
μs
Hold Time (Start Condition), tHD;STA
0.6
μs
After this period, the first clock is generated.
Setup Time (Start Condition), tSU;STA
0.6
μs
Relevant for repeated start condition.
Data Setup Time, tSU;DAT
0.1
μs
Setup Time (Stop Condition), tSU;STO
0.6
μs
Data Hold Time (Master), tHD;DAT
10
ns
Bus-Free Time (Between Stop and Start Condition), tBUF
1.3
μs
1 Specification is not production tested but is supported by characterization data at initial product release.
2 Wake-up time is the maximum delay between the last SCL edge writing the configuration register and the start of conversion.
3 Power-up time is the maximum delay between the VDD crossing the minimum level (2.7 V) and either the start of conversion or when ready to receive a serial interface
command.
4 Reset time is the maximum delay between the last SCL edge writing the reset command and either the start of conversion or when ready to receive a serial interface
command.
5 Sample tested during initial release to ensure compliance.
6 All input signals are specified with input rise/fall times = 3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and outputs.
Output load = 10 pF.
P
S
tLOW
tR
tF
tHD;STA
tHD;DAT
tSU;DAT
tSU;STA
tHD;STA
tSU;STO
tHIGH
SCL
PS
SDA
tBUF
Figure 2. Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com