| Electronic Components Datasheet Search |
|
AD7150 Datasheet(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7150 Datasheet(HTML) 24 Page - Analog Devices |
|
24 / 29 page ![]() AD7150 Rev. 0 | Page 23 of 28 HARDWARE DESIGN CONSIDERATIONS OVERVIEW The AD7150 is an interface to capacitive sensors. On the input side, the sensor (CX) can be connected directly between the AD7150 EXC and CIN pins. The way it is connected and the electrical parameters of the sensor connection, such as parasitic resistance or capacitance, can affect the system performance. Therefore, any circuit with additional components in the capacitive front end, such as overvoltage protection, has to be carefully designed considering the AD7150 specified limits and information provided in this section. On the output side, the AD7150 can work as a standalone device, using the power-up default register settings and flagging the result on digital outputs. Alternatively, the AD7150 can be interfaced to a microcontroller via the 2-wire serial interface, offering flexibility by overwriting the AD7150 register values from the host with a user-specific setup. PARASITIC CAPACITANCE TO GROUND DATA CDC EXC CGND1 CIN CGND2 CX Figure 44. Parasitic Capacitance to Ground The CDC architecture used in the AD7150 measures the capacitance, CX, connected between the EXC pin and the CIN pin. In theory, any capacitance CGND to ground should not affect the CDC result (see Figure 44). The practical implementation of the circuitry in the chip implies certain limits, and the result is gradually affected by capacitance to ground (see Table 1 for information about the allowed capacitance to GND for CIN and information about excitation). See Figure 4 to Figure 9. PARASITIC RESISTANCE TO GROUND DATA CDC EXC RGND1 CIN RGND2 CX Figure 45. Parasitic Resistance to Ground The AD7150 CDC result is affected by a leakage current from CX to ground; therefore, CX should be isolated from the ground. The equivalent resistance between CX and ground should be maximized (see Figure 45). See Figure 10 to Figure 13. PARASITIC PARALLEL RESISTANCE DATA CDC EXC CIN RP CX Figure 46. Parasitic Parallel Resistance The AD7150 CDC measures the charge transfer between the EXC and CIN pins. Any resistance connected in parallel to the measured capacitance CX (see Figure 46), such as the parasitic resistance of the sensor, also transfers charge. Therefore, the parallel resistor is seen as an additional capacitance in the output data. The equivalent parallel capacitance (or error caused by the parallel resistance) can be approximately calculated as 4 1 × × = EXC P P f R C where RP is the parallel resistance and fEXC is the excitation frequency. See Figure 15. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |