Electronic Components Datasheet Search
  English  ▼

X  

AD7150 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7150
Description  Converter for Proximity Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7150 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7150_17 Datasheet HTML 21Page - Analog Devices AD7150_17 Datasheet HTML 22Page - Analog Devices AD7150_17 Datasheet HTML 23Page - Analog Devices AD7150_17 Datasheet HTML 24Page - Analog Devices AD7150_17 Datasheet HTML 25Page - Analog Devices AD7150_17 Datasheet HTML 26Page - Analog Devices AD7150_17 Datasheet HTML 27Page - Analog Devices AD7150_17 Datasheet HTML 28Page - Analog Devices AD7150_17 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
AD7150
Rev. 0 | Page 24 of 28
PARASITIC SERIAL RESISTANCE
DATA
CDC
EXC
RS1
CIN
RS2
CX
Figure 47. Parasitic Serial Resistance
The AD7150 CDC result is affected by a resistance in series
with the measured capacitance. The total serial resistance (RS1 +
RS2 in Figure 47) should be on the order of hundreds of Ω.
See Figure 14.
INPUT OVERVOLTAGE PROTECTION
EXC
GND
CDC
RS1
CIN
RS2
CX
Figure 48. AD7150 CIN Overvoltage Protection
The AD7150 capacitive input has an internal ESD protection.
However, some applications may require an additional
overvoltage protection, depending on the application-specific
requirements. Any additional circuit in the capacitive front end
must be carefully designed, especially with respect to the limits
recommended for maximum capacitance to ground, maximum
serial resistance, maximum leakage, and so on.
INPUT EMC PROTECTION
EXC
CDC
CIN
CX
10kΩ
82kΩ
39kΩ
47pF
22pF
68pF
GND
Figure 49. AD7150 CIN EMC Protection
Some applications may require an additional input filter for
improving electromagnetic compatibility (EMC). Any input
filter must be carefully designed, considering the balance between
the system capacitance performance and system electromagnetic
immunity.
Figure 49 shows one of the possible input circuit configurations
significantly improving the system immunity against high
frequency noise and slightly affecting the AD7150 performance
in terms of additional gain and offset error.
POWER SUPPLY DECOUPLING AND FILTERING
CDC
GND
SDA
SCL
0.1µF
10µF
1kΩ
VDD
1kΩ
1kΩ
Figure 50. AD7150 VDD Decoupling and Filtering
The AD7150 has good dc and low frequency power supply
rejection but may be sensitive to higher frequency ripple and
noise, specifically around the excitation frequency and its
harmonics. Figure 50 shows a possible circuit configuration for
improving the system immunity against ripple and noise
coupled to the AD7150 via the power supply.
If the serial interface is connected to the other circuits in the
system, it is better to connect the pull-up resistors on the other
side of the VDD filter than to connect to the AD7150. If the
AD7150 is used in standalone mode and the serial interface is
not used, it is better to connect the pull-up resistors directly to
the AD7150 VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com