Electronic Components Datasheet Search
  English  ▼

X  

AD7150 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7150
Description  Converter for Proximity Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7150 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7150_17 Datasheet HTML 4Page - Analog Devices AD7150_17 Datasheet HTML 5Page - Analog Devices AD7150_17 Datasheet HTML 6Page - Analog Devices AD7150_17 Datasheet HTML 7Page - Analog Devices AD7150_17 Datasheet HTML 8Page - Analog Devices AD7150_17 Datasheet HTML 9Page - Analog Devices AD7150_17 Datasheet HTML 10Page - Analog Devices AD7150_17 Datasheet HTML 11Page - Analog Devices AD7150_17 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AD7150
Rev. 0 | Page 7 of 28
250
200
150
100
50
CAPACITANCE CIN TO GND (pF)
TYPICAL PERFORMANCE CHARACTERISTICS
300
200
100
0
–100
0300
250
200
150
100
50
CAPACITANCE CIN TO GND (pF)
Figure 4. Capacitance Input Offset Error vs. Capacitance CIN to GND,
VDD = 3.3 V, EXC Pin Open Circuit
2
–8
–6
–4
–2
0
0300
250
200
150
100
50
CAPACITANCE CIN TO GND (pF)
Figure 5. Capacitance Input Gain Error vs. Capacitance CIN to GND,
VDD = 3.3 V, CIN to EXC = 2 pF
2
–8
–6
–4
–2
0
0300
2
–2
–1
0
1
0300
250
200
150
100
50
CAPACITANCE EXC TO GND (pF)
0.10
–0.10
–0.05
0
0.05
0300
250
200
150
100
50
CAPACITANCE EXC TO GND (pF)
Figure 6 .Capacitance Input Gain Error vs. Capacitance CIN to GND,
VDD = 3.3 V, CIN to EXC = 10 pF
Figure 7. Capacitance Input Offset Error vs. Capacitance EXC to GND,
VDD = 3.3 V, CIN Pin Open Circuit
0.10
–0.10
–0.05
0
0.05
0300
250
200
150
100
50
CAPACITANCE EXC TO GND (pF)
Figure 8. Capacitance Input Gain Error vs. Capacitance EXC to GND,
VDD = 3.3 V, CIN to EXC = 2 pF
Figure 9. Capacitance Input Gain Error vs. Capacitance EXC to GND,
VDD = 3.3 V, CIN to EXC = 10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com