Electronic Components Datasheet Search
  English  ▼

X  

AD7152 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7152
Description  12-Bit Capacitance-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7152 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7152 Datasheet HTML 10Page - Analog Devices AD7152 Datasheet HTML 11Page - Analog Devices AD7152 Datasheet HTML 12Page - Analog Devices AD7152 Datasheet HTML 13Page - Analog Devices AD7152 Datasheet HTML 14Page - Analog Devices AD7152 Datasheet HTML 15Page - Analog Devices AD7152 Datasheet HTML 16Page - Analog Devices AD7152 Datasheet HTML 17Page - Analog Devices AD7152 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD7152/AD7153
Data Sheet
Rev. A | Page 14 of 24
STATUS REGISTER
Address 0x00
Read Only
Default Value 0x03
This register indicates the status of the converter. The status register can be read via the 2-wire serial interface to query a finished
conversion.
Table 7. Status Register Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
PWDN
Unused
Unused
Unused
Unused
C1C2
RDY2
RDY1
Default
0
0
0
0
0
0
1
1
Table 8. Status Register Bit Descriptions
Bit
Mnemonic
Description
7
PWDN
PWDN = 1 indicates that the VDD voltage level is below 2.45 V typically or the device is in power-down mode
6 to 3
N/A
Not used, always read 0
2
C1C2
C1C2 = 0 indicates that the last conversion performed was from Channel 1, C1C2 = 1 indicates that the last
conversion performed was from Channel 2
1
RDY2
RDY2 = 0 indicates that a conversion on the Channel 2 has been finished and new unread data is available (AD7152 only)
0
RDY1
RDY1 = 0 indicates that a conversion on the Channel 1 has been finished and new unread data is available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com