Electronic Components Datasheet Search
  English  ▼

X  

AD7152 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7152
Description  12-Bit Capacitance-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7152 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7152 Datasheet HTML 16Page - Analog Devices AD7152 Datasheet HTML 17Page - Analog Devices AD7152 Datasheet HTML 18Page - Analog Devices AD7152 Datasheet HTML 19Page - Analog Devices AD7152 Datasheet HTML 20Page - Analog Devices AD7152 Datasheet HTML 21Page - Analog Devices AD7152 Datasheet HTML 22Page - Analog Devices AD7152 Datasheet HTML 23Page - Analog Devices AD7152 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD7152/AD7153
Data Sheet
Rev. A | Page 20 of 24
DIFFERENTIAL CAPACITIVE INPUT
When configured for differential mode (the CAPDIFF bit in the
Channel 1 Setup or Channel 2 Setup registers is set to 1), the
CDC measures the difference between positive and negative
capacitance input.
Each of the two input capacitances, CX and CY, between the
EXC and CIN pins must be less than 2 pF (without using the
CAPDACs) or must be less than 9 pF and balanced by the
CAPDACs. Balancing by the CAPDACs means that both
CX − CAPDAC(+) and CY − CAPDAC(−) are less than 2 pF.
If the unbalanced capacitance between the EXC and CIN pins
is higher than 2 pF, the CDC introduces a gain error, an offset
error, and nonlinearity error (see Figure 32, Figure 33, and
Figure 34).
0x0000 ... 0xFFF0
DATA
CAPDIFF = 1
±2pF
CDC
EXC
CIN(+)
CIN(–)
CX
0pF TO 4pF
CY
0pF TO 4pF
CAPDAC(+)
OFF
CAPDAC(–)
OFF
Figure 32. CDC Differential Input Mode
0x0000 ... 0xFFF0
DATA
CAPDIFF = 1
±2pF
CDC
EXC
CIN(+)
CIN(–)
CX
4pF TO 6pF
(5 ± 1pF)
CY
4pF TO 6pF
(5 ± 1pF)
CAPDAC(+)
5pF
CAPDAC(–)
5pF
Figure 33. Using CAPDAC in Differential Mode
0x0000 ... 0xFFF0
DATA
CAPDIFF = 1
±2pF
CDC
EXC
CIN(+)
CIN(–)
CX
3pF TO 7pF
(5 ± 2pF)
CY
5pF
CAPDAC(+)
5pF
CAPDAC(–)
5pF
Figure 34. Using CAPDAC in Differential Mode
PARASITIC CAPACITANCE TO GROUND
DATA
CDC
EXC
CGND1
CIN
CGND2
CX
Figure 35. Parasitic Capacitance to Ground
The CDC architecture used in the AD7152/AD7153 measures
CX connected between the EXC pin and the CIN pin. In theory,
any capacitance, CGND, to ground should not affect the CDC
result (see Figure 35).
The practical implementation of the circuitry in the chip
implies certain limits and the result is gradually affected by
capacitance to ground. See the allowed capacitance to GND
in the Specifications table and, Figure 9 through Figure 12.
PARASITIC RESISTANCE TO GROUND
DATA
CDC
EXC
RGND1
CIN
RGND2
CX
Figure 36. Parasitic Resistance to Ground
The CDC result can be affected by a leakage current from the
CX to ground; therefore, the CX should be isolated from the
ground. The influence of the leakage current varies with the
power supply voltage (see Figure 36).
A higher leakage current to ground results in a gain error, an
offset error, and a nonlinearity error (see Figure 13 and Figure 14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com