Electronic Components Datasheet Search
  English  ▼

X  

AD7152 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7152
Description  12-Bit Capacitance-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7152 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7152 Datasheet HTML 13Page - Analog Devices AD7152 Datasheet HTML 14Page - Analog Devices AD7152 Datasheet HTML 15Page - Analog Devices AD7152 Datasheet HTML 16Page - Analog Devices AD7152 Datasheet HTML 17Page - Analog Devices AD7152 Datasheet HTML 18Page - Analog Devices AD7152 Datasheet HTML 19Page - Analog Devices AD7152 Datasheet HTML 20Page - Analog Devices AD7152 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD7152/AD7153
Rev. A | Page 17 of 24
CAPDAC POS REGISTER
Address 0x11
Default Value 0x00
Table 14. Status Register Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
DACPen
Unused
Unused
DACP – Bits[4:0] Value
Default
0
0
0
0x00
Table 15. Status Register Bit Descriptions
Bit
Mnemonic
Description
7
DACPen
DACPen = 1 connects the capacitive DAC POS to the positive capacitive input
6 to 5
N/A
These bits must be 0 for proper operation
4 to 0
DACP
DACP value, Code 0x00 = 0 pF, Code 0x1F = full range
CAPDAC NEG REGISTER
Address 0x12
Default Value 0x00
Table 16. Status Register Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
DACNen
Unused
Unused
DACN – Bit[4:0] Value
Default
0
0
0
0x00
Table 17. Status Register Bit Descriptions
Bit
Mnemonic
Description
7
DACNen
DACNen = 1 connects the capacitive DAC NEG to the positive capacitive input
6 to 5
N/A
These bits must be 0 for proper operation
4 to 0
DACN
DACN value, Code 0x00 = 0 pF, Code 0x1F = full range
CONFIGURATION2 REGISTER
Address 0x1A,
Default Value 0x00
Table 18. Configuration2 Register Bit Map
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
Unused
Unused
OSR1
OSR0
Default
0
0
0
0
0
0
0
0
Table 19. Configuration2 Register Bit Descriptions
Bit
Mnemonic
Description
7 to 6
N/A
These bits must be 0 for proper operation
5
4
OSR1
OSR0
Capacitive channel digital filter setup; conversion time/update rate setup per channel
OSR1
OSR0
Conversion Time (ms)
Update Rate (Hz)
0
0
5
200
0
1
20
50
1
0
50
20
1
1
60
16.7
3 to 0
N/A
These bits must be 0 for proper operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com