Electronic Components Datasheet Search
  English  ▼

X  

AD7152 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7152
Description  12-Bit Capacitance-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7152 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7152 Datasheet HTML 15Page - Analog Devices AD7152 Datasheet HTML 16Page - Analog Devices AD7152 Datasheet HTML 17Page - Analog Devices AD7152 Datasheet HTML 18Page - Analog Devices AD7152 Datasheet HTML 19Page - Analog Devices AD7152 Datasheet HTML 20Page - Analog Devices AD7152 Datasheet HTML 21Page - Analog Devices AD7152 Datasheet HTML 22Page - Analog Devices AD7152 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD7152/AD7153
Rev. A | Page 19 of 24
CAPDAC
The CDC full-scale input range of the AD7152/AD7153 can
be set to ±0.25 pF, ±0.5 pF, ± 1 pF, and ±2 pF in differential
mode or 0.5 pF, 1 pF, 2 pF, and 4 pF in single-ended mode.
For simplicity, the following text and figures use the maximum
full scale of ±2 pF and +4 pF.
The devices can accept a higher capacitance on the input and
the common-mode or offset capacitance (unchanging component)
can be balanced by programmable on-chip CAPDACs.
DATA
CDC
EXC
CIN(+)
CIN(–)
CX
CAPDAC(+)
CAPDAC(–)
CY
Figure 28. Using a CAPDAC
The CAPDAC can be understood as a negative capacitance
connected internally to the CIN pin. There are two independent
CAPDACs, one connected to the CIN(+) and the second
connected to the CIN(–).
In differential mode, the relationship between the capacitance
input and output data can be expressed as
DATA ≈ (CX − CAPDAC(+)) − (CY − CAPDAC(−))
In single-ended mode, the relationship between the capacitance
input and output data can be expressed as
DATA ≈ CX −(CAPDAC(+) + CAPDAC(−))
The CAPDACs have a 5-bit resolution each, monotonic transfer
function, are well matched to each other, and have a defined
temperature coefficient. The CAPDAC full range (absolute
value) is not factory calibrated and can vary up to ±20% with
the manufacturing process (see the Specifications section,
Figure 18, and Figure 19).
The CAPDACs are shared by the two capacitive channels on the
AD7152. If the CAPDACs need to be set individually, the host
controller software should reload the CAPDAC values to the
AD7152 before executing a conversion on a different channel.
SINGLE-ENDED CAPACITIVE INPUT
When configured for a single-ended mode (the CAPDIFF bit in
the Channel 1 Setup or Channel 2 Setup registers is set to 0), the
AD7152/AD7153 CIN(−) pin is disconnected internally. The
CDC (without using the CAPDACs) can measure positive input
capacitance in the range of 0 pF to 4 pF (see Figure 29).
0x0000 ... 0xFFF0
DATA
CAPDIFF = 0
0pF TO 4pF
CDC
EXC
CIN(+)
CIN(–)
CX
0pF TO 4pF
CAPDAC(+)
OFF
CAPDAC(–)
OFF
Figure 29. CDC Single-Ended Input Mode
The CAPDAC can be used for programmable shifting of the
input range.
Figure 30 shows how to shift the input range up to 9 pF absolute
value of capacitance connected to the CIN(+) using
the CAPDAC(+) only.
0x0000 ... 0xFFF0
DATA
CAPDIFF = 0
0pF TO 4pF
CDC
EXC
CIN(+)
CIN(–)
CX
5pF TO 9pF
CAPDAC(+)
5pF
CAPDAC(–)
OFF
Figure 30. Using CAPDAC in Single-Ended Mode
Figure 31 shows how to shift the input range up to 14 pF
absolute value of capacitance connected to the CIN(+) using
both CAPDAC(+) and CAPDAC(−).
0x0000 ... 0xFFF0
DATA
CAPDIFF = 0
0pF TO 4pF
CDC
EXC
CIN(+)
CIN(–)
CX
10pF TO 14pF
CAPDAC(+)
5pF
CAPDAC(–)
5pF
Figure 31. Using CAPDAC in Single-Ended Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com