Electronic Components Datasheet Search
  English  ▼

X  

AD7152 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7152
Description  12-Bit Capacitance-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7152 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7152 Datasheet HTML 14Page - Analog Devices AD7152 Datasheet HTML 15Page - Analog Devices AD7152 Datasheet HTML 16Page - Analog Devices AD7152 Datasheet HTML 17Page - Analog Devices AD7152 Datasheet HTML 18Page - Analog Devices AD7152 Datasheet HTML 19Page - Analog Devices AD7152 Datasheet HTML 20Page - Analog Devices AD7152 Datasheet HTML 21Page - Analog Devices AD7152 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD7152/AD7153
Data Sheet
Rev. A | Page 18 of 24
CIRCUIT DESCRIPTION
DIGITAL
FILTER
12-BIT Σ-∆
MODULATOR
CLOCK
GENERATOR
VOLTAGE
REFERENCE
AD7152
I2C
SERIAL
INTERFACE
EXCITATION
EXC2
CIN1(+)
CIN1(–)
CIN2(+)
CIN2(–)
EXC1
SDA
SCL
VDD
GND
CONTROL LOGIC
CALIBRATION
CAP+
CAP–
MUX
Figure 25. AD7152 Block Diagram
DIGITAL
FILTER
12-BIT Σ-∆
MODULATOR
CLOCK
GENERATOR
VOLTAGE
REFERENCE
AD7153
I2C
SERIAL
INTERFACE
EXCITATION
CIN1(+)
CIN1(–)
EXC1
SDA
SCL
VDD
GND
CONTROL LOGIC
CALIBRATION
CAP+
CAP–
MUX
Figure 26. AD7153 Block Diagram
The core of the AD7152/AD7153 is a precision converter
consisting of a second-order modulator (Σ-Δ or charge-
balancing) and a third-order digital filter.
In addition to the converter, the AD7152/AD7153 integrate a
multiplexer, an excitation source, and CAPDACs for the capaci-
tive inputs, a voltage reference, a complete clock generator, a
control and calibration logic, and an I2C-compatible serial
interface.
The AD7153 has one capacitive input, while the AD7152 has
two capacitive inputs. For the AD7152, the modulator input and
the excitation source are multiplexed between the converting
channel. All other features and specifications are identical for
both devices.
CAPACITANCE-TO-DIGITAL CONVERTER (CDC)
Figure 27 shows the CDC simplified functional diagram. The
measured capacitance CX is connected between the excitation
source and the Σ-Δ modulator input. A square-wave excitation
signal is applied on the CX during the conversion and the mod-
ulator continuously samples the charge going through the CX.
The digital filter processes the modulator output, which is a
stream of 0s and 1s containing the information in 0 and 1
density. The data from the digital filter is scaled, applying the
calibration coefficients, and the final result can be read through
the serial interface. The AD7152/AD7153 are designed for
floating capacitive sensors. Therefore, both CX plates have to
be isolated from ground.
DIGITAL
FILTER
12-BIT Σ-∆
MODULATOR
CLOCK
GENERATOR
CAPACITANCE-TO-DIGITAL CONVERTER
(CDC)
EXCITATION
DATA
EXC
CIN
CX
Figure 27. CDC Simplified Block Diagram
EXCITATION SOURCE
The AD7152/AD7153 have one excitation source. For the
AD7152, the excitation source is switched between the
excitation pins, EXC1 and EXC2, depending on which
channel performs a conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com