Electronic Components Datasheet Search
  English  ▼

X  

AD7156 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7156
Description  2-Channel Capacitance Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7156 Datasheet(HTML) 4 Page - Analog Devices

  AD7156 Datasheet HTML 1Page - Analog Devices AD7156 Datasheet HTML 2Page - Analog Devices AD7156 Datasheet HTML 3Page - Analog Devices AD7156 Datasheet HTML 4Page - Analog Devices AD7156 Datasheet HTML 5Page - Analog Devices AD7156 Datasheet HTML 6Page - Analog Devices AD7156 Datasheet HTML 7Page - Analog Devices AD7156 Datasheet HTML 8Page - Analog Devices AD7156 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AD7156
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VDD = 1.8 V to 3.6 V, GND = 0 V, temperature range = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit1
Test Conditions/Comments
CAPACITIVE INPUT
Conversion Input Range, CIN to EXC2, 3
3.2
4
pF
4 pF input range
1.6
2
pF
2 pF input range
0.8
1
pF
1 pF input range
0.4
0.5
pF
0.5 pF input range
Resolution4, 5
2.0
fF
4 pF input range
1.6
fF
2 pF input range
1.4
fF
1 pF input range
1.0
fF
0.5 pF input range
Maximum Allowed Capacitance, CIN to GND4, 6
50
pF
See Figure 4, Figure 5, and
Figure 6
Minimum Allowed Resistance, CIN to GND4, 6
10
MΩ
See Figure 10 and Figure 11
Maximum Allowed Serial Resistance4, 6
50
kΩ
See Figure 14
Gain Error
−20
+20
%
Gain Deviation over Temperature4
0.5
%FSR
See Figure 17
Gain Matching Between Ranges4
−2
+2
%
Offset Error4
50
fF
CIN and EXC pins disconnected
Offset Deviation over Temperature4
5
fF
CIN and EXC pins disconnected
See Figure 16
Integral Nonlinearity (INL)4
0.05
%
Channel-to-Channel Isolation4
60
dB
Power Supply Rejection4
4
fF/V
CAPDAC
Full Range
10
12.5
pF
Resolution (LSB)4
200
fF
Differential Nonlinearity (DNL)4
0.25
LSB
Auto-DAC Increment/Decrement4, 7
25
75
% of CIN range
EXCITATION
Voltage4, 7
±VDD/2
V
Frequency
16
kHz
See Figure 18
Maximum Allowed Capacitance EXC to GND4, 6
1000
pF
See Figure 7, Figure 8, and
Figure 9
Minimum Allowed Resistance EXC to GND4, 6
1
MΩ
See Figure 12 and Figure 13
LOGIC OUTPUTS (OUT1, OUT2)
Output Low Voltage (VOL)
0.4
V
ISINK = −3 mA
Output High Voltage (VOH)
VDD – 0.6
V
ISOURCE = +3 mA
SERIAL INTERFACE INPUTS (SCL, SDA)
Input High Voltage (VIH)
70
% of VDD
Input Low Voltage (VIL)
25
% of VDD
Input Leakage Current
±0.1
±5
μA
Input Pin Capacitance
6
pF
OPEN-DRAIN OUTPUT (SDA)
Output Low Voltage (VOL)
0.4
V
ISINK =
−6.0 mA
Output High Leakage Current (IOH)
0.1
5
μA
VOUT = VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com