Electronic Components Datasheet Search
  English  ▼

X  

AD7156 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7156
Description  2-Channel Capacitance Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7156 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7156 Datasheet HTML 13Page - Analog Devices AD7156 Datasheet HTML 14Page - Analog Devices AD7156 Datasheet HTML 15Page - Analog Devices AD7156 Datasheet HTML 16Page - Analog Devices AD7156 Datasheet HTML 17Page - Analog Devices AD7156 Datasheet HTML 18Page - Analog Devices AD7156 Datasheet HTML 19Page - Analog Devices AD7156 Datasheet HTML 20Page - Analog Devices AD7156 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AD7156
Rev. 0 | Page 16 of 28
STATUS REGISTER
Address Pointer 0x00
8 Bits, Read Only
Default Value 0x53 Before Conversion, 0x54 After Conversion
The status register indicates the status of the part. The register can be read via the 2-wire serial interface to query the status of the outputs,
check the CDC finished conversion, and check whether the CAPDAC has been changed by the auto-DAC function.
Table 6. Status Register Bit Map1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PwrDown
DacStep2
OUT2
DacStep1
OUT1
C1/C2
RDY2
RDY1
(0)
(1)
(0)
(1)
(0)
(0)
(1)
(1)
1 The default values are given in parentheses.
Table 7. Status Register Bit Descriptions
Bit
Mnemonic
Description
7
PwrDown
PwrDown = 1 indicates that the part is in a power-down.
6
DacStep2
DacStep2 = 0 indicates that the Channel 2 CAPDAC value was changed after the last CDC conversion as part of
the auto-DAC function. The bit value is updated after each finished CDC conversion on this channel.
5
OUT2
OUT2 = 1 indicates that the Channel 2 data (CIN2 capacitance) crossed the threshold, according to the selected
comparator mode of operation. The bit value is updated after each finished CDC conversion on this channel.
4
DacStep1
DacStep1 = 0 indicates that the Channel 1 CAPDAC value was changed during the last conversion as part of the
auto-DAC function. The bit value is updated after each finished CDC conversion on this channel.
3
OUT1
OUT1 = 1 indicates that the Channel 1 data (CIN1 capacitance) crossed the threshold, according to the selected
comparator mode of operation. The bit value is updated after each finished CDC conversion on this channel.
2
C1/C2
C1/C2 = 0 indicates that the last finished CDC conversion was on Channel 1.
C1/C2 = 1 indicates that the last finished CDC conversion was on Channel 2.
1
RDY2
RDY2 = 0 indicates a finished CDC conversion on Channel 2. The bit is reset back to 1 when the Channel 2 data
register is read via the serial interface or after a part reset or power-up.
0
RDY1
RDY1 = 0 indicates a finished CDC conversion on Channel 1. The bit is reset back to 1 when the Channel 1 data
register is read via serial interface or after a part reset or power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com