Electronic Components Datasheet Search
  English  ▼

X  

AD7156 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7156
Description  2-Channel Capacitance Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7156 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7156 Datasheet HTML 5Page - Analog Devices AD7156 Datasheet HTML 6Page - Analog Devices AD7156 Datasheet HTML 7Page - Analog Devices AD7156 Datasheet HTML 8Page - Analog Devices AD7156 Datasheet HTML 9Page - Analog Devices AD7156 Datasheet HTML 10Page - Analog Devices AD7156 Datasheet HTML 11Page - Analog Devices AD7156 Datasheet HTML 12Page - Analog Devices AD7156 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD7156
Rev. 0 | Page 8 of 2
0
0
50
100
150
200
250
300
CAPACITANCE CIN TO GROUND (pF)
TYPICAL PERFORMANCE CHARACTERISTICS
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
1.8V
3.3V
1
0
–1
–2
–3
–4
0
500
1000
1500
2000
CAPACITANCE EXC TO GROUND (pF)
1.8V
3.3V
Figure 4. Capacitance Input Offset Error vs. Capacitance CIN to GND,
VDD = 1.8 V and 3.3 V, EXC Pin Open Circuit
Figure 7. Capacitance Input Offset Error vs. Capacitance EXC to GND,
VDD = 1.8 V and 3.3 V, CIN Pin Open Circuit
5
0
–5
–10
–15
–20
8
–25
0
50
100
150
200
250
300
CAPACITANCE CIN TO GROUND (pF)
1.8V
3.3V
0
500
1000
1500
2000
CAPACITANCE EXC TO GROUND (pF)
1.8V
3.3V
1
0
–1
–2
–3
–4
1
0
–1
–2
–3
–4
0
500
1000
1500
2000
CAPACITANCE EXC TO GROUND (pF)
Figure 5. Capacitance Input Gain Error vs. Capacitance CIN to GND,
VDD = 1.8 V and 3.3 V, CIN to EXC = 3 pF
Figure 8. Capacitance Input Gain Error vs. Capacitance EXC to GND,
VDD = 1.8 V and 3.3 V, CIN to EXC = 3 pF
5
0
–5
–10
–15
–20
–25
0
50
100
150
200
250
300
CAPACITANCE CIN TO GROUND (pF)
1.8V
3.3V
Figure 6. Capacitance Input Gain Error vs. Capacitance CIN to GND,
VDD = 1.8 V and 3.3 V, CIN to EXC = 9 pF
1.8V
3.3V
Figure 9. Capacitance Input Gain Error vs. Capacitance EXC to GND,
VDD = 1.8 V and 3.3 V, CIN to EXC = 9 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com