Electronic Components Datasheet Search
  English  ▼

X  

AD7156 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7156
Description  2-Channel Capacitance Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7156 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7156 Datasheet HTML 7Page - Analog Devices AD7156 Datasheet HTML 8Page - Analog Devices AD7156 Datasheet HTML 9Page - Analog Devices AD7156 Datasheet HTML 10Page - Analog Devices AD7156 Datasheet HTML 11Page - Analog Devices AD7156 Datasheet HTML 12Page - Analog Devices AD7156 Datasheet HTML 13Page - Analog Devices AD7156 Datasheet HTML 14Page - Analog Devices AD7156 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD7156
Rev. 0 | Page 10 of
–4
–5
–50
–25
50
0
25
75
100
5
4
2
0
–2
3
1
–1
–3
20
10
–10
0
–20
010
20
515
25
30
CAPDAC CODE
1.8V
3.3V
TEMPERATURE (°C)
Figure 16. Capacitance Input Offset Error vs. Temperature,
VDD = 1.8 V and 3.3 V, CIN and EXC Pins Open Circuit
Figure 19. CAPDAC Differential Nonlinearity (DNL), VDD = 1.8 V
0.35
0.25
0.05
–0.15
0.15
–0.05
–0.25
80
70
50
60
40
–50
0
50
–25
25
75
TEMPERATURE (°C)
28
–0.35
–50
0
50
100
1.8V
3.6V
2V
2.7V
4.0
3.0
1.0
0.5
2.0
3.5
1.5
2.5
0
TEMPERATURE (°C)
Figure 17. Capacitance Input Gain Error vs. Temperature,
VDD = 2.7 V, CIN to EXC = 4 pF
Figure 20. Current vs. Temperature,
VDD = 1.8 V, 2 V, 2.7 V, and 3.6 V
16.50
16.25
15.75
15.25
16.00
15.50
15.00
14.75
14.50
–50
0
50
–25
25
75
100
TEMPERATURE (°C)
1.8V
3.6V
2V
2.7V
1.8V
3.6V
2.7V
2V
–50
0
50
–25
25
75
TEMPERATURE (°C)
Figure 18. EXC Frequency Error vs. Temperature,
VDD = 1.8 V, 2 V, 2.7 V, and 3.6 V
Figure 21. Power-Down Current vs. Temperature,
VDD = 1.8 V, 2 V, 2.7 V, and 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com