| Electronic Components Datasheet Search |
|
AD7156 Datasheet(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7156 Datasheet(HTML) 13 Page - Analog Devices |
|
13 / 29 page ![]() AD7156 Rev. 0 | Page 12 of 28 COMPARATOR AND THRESHOLD MODES The AD7156 comparators and their thresholds can be programmed to operate in two modes: fixed and adaptive threshold modes. In an adaptive mode, the threshold is dynamically adjusted and the comparator output indicates fast changes and ignores slow changes in the input (sensor) capacitance. Alternatively, the threshold can be programmed as a constant (fixed) value, and the output then indicates any change in the input capacitance that crosses the defined fixed threshold. The AD7156 logic output (active high) indicates either a positive or a negative change in the input capacitance, in both adaptive and fixed threshold modes (see Figure 25 and Figure 26). POSITIVE THRESHOLD INPUT CAPACITANCE OUTPUT OUTPUT ACTIVE TIME POSITIVE CHANGE Figure 25. Positive Threshold Mode Indicates Positive Change in Input Capacitance NEGATIVE THRESHOLD INPUT CAPACITANCE OUTPUT OUTPUT ACTIVE TIME NEGATIVE CHANGE Figure 26. Negative Threshold Mode Indicates Negative Change in Input Capacitance Additionally, for the adaptive mode only, the comparators can work as window comparators, indicating input either inside or outside a selected sensitivity band (see Figure 27 and Figure 28). POSITIVE THRESHOLD NEGATIVE THRESHOLD INPUT CAPACITANCE OUTPUT OUTPUT ACTIVE TIME INPUT INSIDE THRESHOLD WINDOW Figure 27. In-Window (Adaptive) Threshold Mode POSITIVE THRESHOLD NEGATIVE THRESHOLD INPUT CAPACITANCE OUTPUT OUTPUT ACTIVE TIME INPUT OUTSIDE THRESHOLD WINDOW Figure 28. Out-Window (Adaptive) Threshold Mode ADAPTIVE THRESHOLD In an adaptive mode, the thresholds are dynamically adjusted, ensuring indication of fast changes (for example, an object moving close to a capacitive proximity sensor) and eliminating slow changes in the input (sensor) capacitance, usually caused by environment changes such as humidity or temperature or changes in the sensor dielectric material over time (see Figure 29). THRESHOLD INPUT CAPACITANCE OUTPUT OUTPUT ACTIVE TIME FAST CHANGE SLOW CHANGE Figure 29. Adaptive Threshold Indicates Fast Changes and Eliminates Slow Changes in Input Capacitance SENSITIVITY In adaptive threshold mode, the output comparator threshold is set as a defined distance (sensitivity) above the data average, below the data average, or both, depending on the selected threshold mode of operation (see Figure 30). The sensitivity value is programmable in the range of 0 LSB to 255 LSB of the 12-bit CDC converter (see the Register Descriptions section). NEGATIVE THRESHOLD POSITIVE THRESHOLD DATA AVERAGE OUTPUT ACTIVE TIME SENSITIVITY DATA SENSITIVITY Figure 30. Threshold Sensitivity |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |