Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 31 Page - Motorola, Inc

Part # M68HC08
Description  Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC08 Datasheet(HTML) 31 Page - Motorola, Inc

Back Button M68HC08 Datasheet HTML 27Page - Motorola, Inc M68HC08 Datasheet HTML 28Page - Motorola, Inc M68HC08 Datasheet HTML 29Page - Motorola, Inc M68HC08 Datasheet HTML 30Page - Motorola, Inc M68HC08 Datasheet HTML 31Page - Motorola, Inc M68HC08 Datasheet HTML 32Page - Motorola, Inc M68HC08 Datasheet HTML 33Page - Motorola, Inc M68HC08 Datasheet HTML 34Page - Motorola, Inc M68HC08 Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 408 page
background image
General Description
Pin Functions
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
General Description
31
Figure 1-3. DIP And SOIC Pin Assignments
1.6 Pin Functions
Descriptions of the pin functions are provided here.
1.6.1 Power Supply Pins (VDD and VSS)
VDD and VSS are the power supply and ground pins. The MCU operates
from a single power supply.
Fast signal transitions on MCU pins place high, short-duration current
demands on the power supply. To prevent noise problems, take special
care to provide power supply bypassing at the MCU as Figure 1-4
shows. Place the C1 bypass capacitor as close to the MCU as possible.
Use a high-frequency-response ceramic capacitor for C1. C2 is an
optional bulk current bypass capacitor for use in applications that require
the port pins to source high current levels.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CGMXFC
OSC2
OSC1
RST
PTE0/TxD
PTE1/RxD
IRQ
PTD0/SS
PTD1/MISO
PTD2/MOSI
PTD3/SPSCK
V
SS
V
DD
PTD4/T1CH0
VSSA
VDDA
PTA3/KBD3
PTA2/KBD2
PTA1/KBD1
PTA0/KBD0
VSSAD/VREFL
VDDAD/VREFH
PTB3/AD3
PTB2/AD2
PTB1/AD1
PTB0/AD0
PTD6/T2CH0
PTD5/T1CH1
NOTE: Ports PTB4, PTB5, PTC0, and PTC1 are available only with the QFP.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com