Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 34 Page - Motorola, Inc

Part # M68HC08
Description  Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC08 Datasheet(HTML) 34 Page - Motorola, Inc

Back Button M68HC08 Datasheet HTML 30Page - Motorola, Inc M68HC08 Datasheet HTML 31Page - Motorola, Inc M68HC08 Datasheet HTML 32Page - Motorola, Inc M68HC08 Datasheet HTML 33Page - Motorola, Inc M68HC08 Datasheet HTML 34Page - Motorola, Inc M68HC08 Datasheet HTML 35Page - Motorola, Inc M68HC08 Datasheet HTML 36Page - Motorola, Inc M68HC08 Datasheet HTML 37Page - Motorola, Inc M68HC08 Datasheet HTML 38Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 408 page
background image
General Description
Technical Data
MC68HC908GR8 — Rev 4.0
34
General Description
MOTOROLA
1.6.10 Port C I/O Pins (PTC1–PTC0)
PTC1–PTC0 are general-purpose, bidirectional I/O port pins. See
Input/Output Ports (I/O). PTC0 and PTC1 are only available on 32-pin
QFP packages.
These port pins also have selectable pullups when configured for input
mode. The pullups are disengaged when configured for output mode.
The pullups are selectable on an individual port bit basis.
1.6.11 Port D I/O Pins (PTD6/T2CH0–PTD0/SS)
PTD6–PTD0 are special-function, bidirectional I/O port pins.
PTD3–PTD0 can be programmed to be serial peripheral interface (SPI)
pins, while PTD6–PTD4 can be individually programmed to be timer
interface module (TIM1 and TIM2) pins. See Timer Interface Module
(TIM), Serial Peripheral Interface (SPI), and Input/Output Ports (I/O).
These port pins also have selectable pullups when configured for input
mode. The pullups are disengaged when configured for output mode.
The pullups are selectable on an individual port bit basis.
When the port pins are configured for special-function mode (SPI, TIM1,
TIM2), pullups can be selectable on an individual port pin basis.
1.6.12 Port E I/O Pins (PTE1/RxD–PTE0/TxD)
PTE1–PTE0 are special-function, bidirectional I/O port pins. These pins
can also be programmed to be serial communications interface (SCI)
pins. See Serial Communications Interface (SCI) and Input/Output Ports
(I/O).
NOTE:
Any unused inputs and I/O ports should be tied to an appropriate logic
level (either VDD or VSS). Although the I/O ports of the MC68HC908GR8
do not require termination, termination is recommended to reduce the
possibility of electro-static discharge damage.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com