Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 89 Page - Motorola, Inc

Part # M68HC08
Description  Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC08 Datasheet(HTML) 89 Page - Motorola, Inc

Back Button M68HC08 Datasheet HTML 85Page - Motorola, Inc M68HC08 Datasheet HTML 86Page - Motorola, Inc M68HC08 Datasheet HTML 87Page - Motorola, Inc M68HC08 Datasheet HTML 88Page - Motorola, Inc M68HC08 Datasheet HTML 89Page - Motorola, Inc M68HC08 Datasheet HTML 90Page - Motorola, Inc M68HC08 Datasheet HTML 91Page - Motorola, Inc M68HC08 Datasheet HTML 92Page - Motorola, Inc M68HC08 Datasheet HTML 93Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 408 page
background image
Analog-to-Digital Converter (ADC)
I/O Registers
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Analog-to-Digital Converter (ADC)
89
If the external clock (CGMXCLK) is equal to or greater than 1 MHz,
CGMXCLK can be used as the clock source for the ADC. If
CGMXCLK is less than 1 MHz, use the PLL-generated bus clock as
the clock source. As long as the internal ADC clock is at
approximately 1 MHz, correct operation can be guaranteed.
1 = Internal bus clock
0 = External clock (CGMXCLK)
ADC input clock frequency
ADIV2 ADIV0
–
-----------------------------------------------------------------------
1MHz
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com