Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 32 Page - Motorola, Inc

Part # M68HC08
Description  Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68HC08 Datasheet(HTML) 32 Page - Motorola, Inc

Back Button M68HC08 Datasheet HTML 28Page - Motorola, Inc M68HC08 Datasheet HTML 29Page - Motorola, Inc M68HC08 Datasheet HTML 30Page - Motorola, Inc M68HC08 Datasheet HTML 31Page - Motorola, Inc M68HC08 Datasheet HTML 32Page - Motorola, Inc M68HC08 Datasheet HTML 33Page - Motorola, Inc M68HC08 Datasheet HTML 34Page - Motorola, Inc M68HC08 Datasheet HTML 35Page - Motorola, Inc M68HC08 Datasheet HTML 36Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 408 page
background image
General Description
Technical Data
MC68HC908GR8 — Rev 4.0
32
General Description
MOTOROLA
Figure 1-4. Power Supply Bypassing
1.6.2 Oscillator Pins (OSC1 and OSC2)
The OSC1 and OSC2 pins are the connections for the on-chip oscillator
circuit. See Clock Generator Module (CGMC).
1.6.3 External Reset Pin (RST)
A logic 0 on the RST pin forces the MCU to a known startup state. RST
is bidirectional, allowing a reset of the entire system. It is driven low when
any internal reset source is asserted. This pin contains an internal pullup
resistor that is always activated, even when the reset pin is pulled low.
See Resets and Interrupts.
1.6.4 External Interrupt Pin (IRQ)
IRQ is an asynchronous external interrupt pin. This pin contains an
internal pullup resistor that is always activated, even when the reset pin
is pulled low. See External Interrupt (IRQ).
1.6.5 CGM Power Supply Pins (VDDA and VSSA)
VDDA and VSSA are the power supply pins for the analog portion of the
clock generator module (CGM). Decoupling of these pins should be as
per the digital supply. See Clock Generator Module (CGMC).
MCU
VDD
C2
C1
0.1
µF
VSS
VDD
+
NOTE: Component values shown represent typical applications.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com