Electronic Components Datasheet Search
  English  ▼

X  

LEBRQ7WM Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LEBRQ7WM
Description  Near-to-Eye Displays
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBRQ7WM Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LEBRQ7WM Datasheet HTML 3Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 4Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 5Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 6Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 7Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 8Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 9Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 10Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Version 1.2
LE BR Q7WM
2017-07-25
7
Abstrahlcharakteristik
2) Seite 18
Radiation Characteristic
2) page 18
Ι
rel = f (ϕ); TJ = 25°C
Relativer zonaler Lichtstromanteil
2) Seite 18
Relative Partial flux
2) page 18
Φ
E/V(2ϕ)/ΦE/V(180°) = f (ϕ); TJ = 25°C
LE BR Q7WM
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0°
10°
20°
30°
40°
50°
60°
70°
80°
90°
ϕ [°]
0,0
0,2
0,4
0,6
0,8
1,0
Irel
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150 160 170 180
2*ϕ [°]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
ΦE/V(2ϕ)
ΦE/V(180°)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com