Electronic Components Datasheet Search
  English  ▼

X  

LEBRQ7WM Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LEBRQ7WM
Description  Near-to-Eye Displays
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBRQ7WM Datasheet(HTML) 3 Page - OSRAM GmbH

  LEBRQ7WM Datasheet HTML 1Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 2Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 3Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 4Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 5Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 6Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 7Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 8Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Version 1.2
LE BR Q7WM
2017-07-25
3
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
blue
red
Betriebstemperatur
Operating temperature range
T
op
– 40 … + 85
°C
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 85
°C
Sperrschichttemperatur
Junction temperature
T
j
125
°C
Durchlassstrom pro Chip DC
Forward current per chip DC
(
T
j = Tj max.)
I
F
20 ... 500
mA
Durchlassstrom pro Chip gepulst
Forward current per chip pulsed
(f = 240Hz; D = 0.5;
T
j = Tj max.)
I
Fpulse
20 ... 1000
mA
Durchlassstrom pro Chip gepulst
Forward current per chip pulsed
(f = 240Hz; D = 0.1; T
S = 30°C)
I
Fpulse
20 ... 1200
-
mA
Stoßstrom pro Chip
Surge current per chip
(t ≤ 10µs; D = 0.5; Tj = Tj max.)
I
FM
20 ... 1500
mA
Sperrspannung pro Chip DC
Reverse voltage per chip DC
V
R
not designed for reverse
operation
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM,
Class 2)
V
ESD
2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com