Electronic Components Datasheet Search
  English  ▼

X  

LEBRQ7WM Datasheet(PDF) 17 Page - OSRAM GmbH

Part # LEBRQ7WM
Description  Near-to-Eye Displays
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBRQ7WM Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button LEBRQ7WM Datasheet HTML 10Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 11Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 12Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 13Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 14Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 15Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 16Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 17Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 18Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Version 1.2
LE BR Q7WM
2017-07-25
17
Anm.:
Wegen der Streichung der LED aus der IEC 60825-1 (2nd edition 2007-03) erfolgt die Bewertung der
Augesicherheit nach dem Standard CIE S009/E:2002 ("photobiological safety of lamps and lamp systems") /
IEC 62471 (1st edition 2006-07). Im Risikogruppensystem dieser CIE- Norm erfüllen die in diesem Datenblatt
angegebenen LED die "moderate risk" - Gruppe (die sich im "sichtbaren" Spektralbereich auf eine
Expositionsdauer von 0,25 s bezieht). Unter realen Umständen (für Expositionsdauer, Augenpupille,
Betrachtungsabstand) geht damit von diesen Bauelementen keinerlei Augengefährdung aus.Grundsätzlich
sollte jedoch erwähnt werden, dass intensive Lichtquellen durch ihre Blendwirkung ein hohes sekundäres
Gefahrenpotenzial besitzen. Wie nach dem Blick in andere helle Lichtquellen (z.B. Autoscheinwerfer) auch,
können temporär eingeschränktes Sehvermögen und Nachbilder je nach Situation zu Irritationen,
Belästigungen, Beeinträchtigungen oder sogar Unfällen führen.
Note:
Due to the cancellation of the LED from IEC 608251 (2nd edition 2007-03) , the evaluation of eye safety occurs
according to the dual IEC/CIE logo standard CIE S009/E:2002 ("photobiological safety of lamps and lamp
systems")- IEC 62471 (1st edition 2006-07). Within the risk grouping system of this CIE standard, the LEDs
specified in this data sheet fall into the "moderate risk" group (relating to devices in the visible spectrum with
an exposure time of 0.25s). Under real circumstances (for exposure time, eye pupils, observation distance), it
is assumed that no endangerment to the eye exists from these devices. As a matter of principle, however, it
should be mentioned that intense light sources have a high secondary exposure potential due to their blinding
effect. As is also true when viewing other bright light sources (e.g. headlights), temporary reduction in visual
acuity and afterimages can occur, leading to irritation, annoyance, visual impairment, and even accidents,
depending on the situation.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain dangerous
substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office. By
agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing material that is
returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
10) page 18 may only be used in life-support devices or systems11) page 18 with the express written approval of OSRAM
OS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com