Electronic Components Datasheet Search
  English  ▼

X  

LEBRQ7WM Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LEBRQ7WM
Description  Near-to-Eye Displays
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBRQ7WM Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LEBRQ7WM Datasheet HTML 4Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 5Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 6Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 7Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 8Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 9Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 10Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 11Page - OSRAM GmbH LEBRQ7WM Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Version 1.2
LE BR Q7WM
2017-07-25
8
Durchlassstrom
2) Seite 18
Forward Current
2) page 18
IF = f (VF); TJ = 25°C; blue
Relative Strahlungsleistung
2) Seite 18
Relative Radiant Power
2) page 18
Φ
E/ΦE(350 mA) = f(IF); TJ = 25 °C; blue
Durchlassstrom
2) Seite 18
Forward Current
2) page 18
IF = f (VF); TJ = 25°C; red
Relativer Lichtstrom
2) Seite 18
Relative Luminous Flux
2) page 18
Φ
V/ΦV(350 mA) = f(IF); TJ = 25 °C; red
LE BR Q7WM
1,7
2,0
2,5
3,0
3,5
4,0
VF [V]
0
200
400
600
800
1000
1200
IF [mA]
: blue
LE BR Q7WM
IF [mA]
0,0
0,5
1,0
1,5
2,0
2,5
Φ
E
Φ
E(350mA)
: blue
LE BR Q7WM
1,7
2,0
2,5
3,0
3,5
4,0
VF [V]
0
200
400
600
800
1000
IF [mA]
: red
LE BR Q7WM
IF [mA]
0,0
0,5
1,0
1,5
2,0
2,5
3,0
Φ
V
Φ
V(350mA)
: red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com