Electronic Components Datasheet Search
  English  ▼

X  

AD9736-EB Datasheet(PDF) 4 Page - Analog Devices

Part # AD9736-EB
Description  14/12/10-Bit, 1200 MSPS D/A Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736-EB Datasheet(HTML) 4 Page - Analog Devices

  AD9736-EB Datasheet HTML 1Page - Analog Devices AD9736-EB Datasheet HTML 2Page - Analog Devices AD9736-EB Datasheet HTML 3Page - Analog Devices AD9736-EB Datasheet HTML 4Page - Analog Devices AD9736-EB Datasheet HTML 5Page - Analog Devices AD9736-EB Datasheet HTML 6Page - Analog Devices AD9736-EB Datasheet HTML 7Page - Analog Devices AD9736-EB Datasheet HTML 8Page - Analog Devices AD9736-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
AD9736/AD9735/AD9734
Preliminary Technical Data
Rev. PrJ | Page 4 of 42
DIGITAL SPECIFICATIONS1
(VDDA33 = VDDD33 = 3.3 V, VDDA18 = VDDD18 = VDDCLK = 1.8 V, MAXIMUM SAMPLE RATE, FS = 20MA,
1X MODE, 25 OHM 1% BALANCED LOAD, UNLESS OTHERWISE NOTED)
AD9736,35,34
Parameter
Temp
Test Level
Min
Typ
Max
Unit
Input voltage range, Via or Vib
825
1575
mV
Input differential threshold
-100
100
mV
Input differential hysteresis
20
mV
Receiver differential input impedance
80
120
Ω
LVDS input rate
1200
MSPS
LVDS DATA INPUTS (DB[13:0]+, DB[13:0]-)
DB+ = Via, DB- = Vib
LVDS data Bit Error Rate
TBD
Err/Bit
Input voltage range, Via or Vib
825
1575
mV
Input differential threshold
-100
100
mV
Input differential hysteresis
20
mV
Receiver differential input impedance
80
120
Ω
LVDS CLOCK INPUT (DATACLK_IN+, DATACLK_IN-)
DATACLK+ = Via, DATACLK- = Vib
Maximum Clock Rate
600
MHz
Output voltage high, Voa or Vob
1375
mV
Output voltage low, Voa or Vob
1025
mV
Output differential voltage
150
200
250
mV
Output offset voltage
1150
1250
mV
Output impedance, single ended
80
100
120
Ω
Ro mismatch between A & B
10
%
Change in |Vod| between ‘0’ and ‘1’
25
mV
Change in Vos between ‘0’ and ‘1’
25
mV
Output current – Driver shorted to ground
20
mA
Output current – Drivers shorted together
4
mA
Power-off output leakage
TBD
mA
LVDS CLOCK OUTPUT (DATACLK_OUT+, DATACLK_ OUT-)
DATACLK_OUT+ = Voa, DATACLK_OUT- = Vob
100 ohm termination
Maximum Clock Rate
600
MHz
Differential peak-to-peak Voltage
800
mV
Common Mode Voltage
400
mV
DAC CLOCK INPUT (CLK+, CLK-)
Maximum Clock Rate
1200
MHz
Maximum Clock Rate (SCLK, 1/tSCLK)
20
MHz
Minimum pulse width high, tPWH
20
ns
Minimum pulse width low, tPWL
20
ns
Minimum SDIO and CSB to SCLK setup, tDS
10
ns
Minimum SCLK to SDIO hold, tDH
5
ns
Maximum SCLK to valid SDIO and SDO, tDV
20
ns
SERIAL PERIPHERAL INTERFACE
Minimum SCLK to invalid SDIO and SDO, tDNV
5
ns
Table 2: Digital Specifications
1 LVDS Drivers and Receivers are compliant to the IEEE-1596 Reduced Range Link, unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com