Electronic Components Datasheet Search
  English  ▼

X  

AD9736-EB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9736-EB
Description  14/12/10-Bit, 1200 MSPS D/A Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736-EB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9736-EB Datasheet HTML 2Page - Analog Devices AD9736-EB Datasheet HTML 3Page - Analog Devices AD9736-EB Datasheet HTML 4Page - Analog Devices AD9736-EB Datasheet HTML 5Page - Analog Devices AD9736-EB Datasheet HTML 6Page - Analog Devices AD9736-EB Datasheet HTML 7Page - Analog Devices AD9736-EB Datasheet HTML 8Page - Analog Devices AD9736-EB Datasheet HTML 9Page - Analog Devices AD9736-EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
AD9736/AD9735/AD9734
Preliminary Technical Data
Rev. PrJ | Page 6 of 42
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Description
A1, A2, A3, B1, B2, B3, C1, C2, C3, D2, D3
VDDC
1.8V, Clock supply
A4, A5, A6, A9, A10, A11, B4, B5, B6, B9,
B10, B11, C4, C5, C6, C9, C10, C11, D4, D5,
D6, D9, D10, D11
VSSA
Analog supply ground
A7, B7, C7, D7
IOUTB
DAC negative output, 10mA to 30mA full scale output current
A8, B8, C8, D8
IOUTA
DAC positive output, 10mA to 30mA full scale output current
A12, A13, B12, B13, C12, C13, D12, D13
VDDA
3.3V Analog supply
A14, K1
DNC
Do Not Connect
B14
I120
Nominal 1.2V reference tied to analog ground via 10kohm resistor to generate a
120uA reference current
C14
VREF
Bandgap voltage reference I/O, tie to analog ground via 1nF capacitor, output
impedance approximately 5kohms
D1, E2, E3, E4, F2, F3, F4, G1, G2, G3, G4
VSSC
Clock supply ground
D14
IPTAT
Factory test, output current proportional to absolute temperature, approximately
10uA at 25C with approximately 20nA/C slope
E1, F1
CLK-, CLK+
Negative, Positive DAC clock input (DACCLK)
E11, E12, F11, F12, G11, G12
VSSA
Analog supply ground shield
E13
IRQ / UNSIGNED
If PIN_MODE = 0, IRQ: Active low open-drain interrupt request output, pull up to
VDD3.3 with 10kohm resistor
If PIN_MODE = 1, UNSIGNED: Digital input pin where 0 = two’s complement input
data format, 1 = unsigned
E14
RESET / PD
If PIN_MODE = 0, RESET: 1 resets the AD9736
If PIN_MODE = 1, PD: 1 puts the AD9736 in the power down state
F13
CSB / 2x
See SPI and PIN Mode sections for pin description
F14
SDIO / FIFO
See SPI and PIN Mode sections for pin description
G13
SCLK / FSC0
See SPI and PIN Mode sections for pin description
G14
SDO / FSC1
See SPI and PIN Mode sections for pin description
H1, H2, H3, H4, H11, H12, H13, H14, J1, J2,
J3, J4, J11, J12, J13, J14
VDD
1.8V Digital supply
K2, K3, K4, K11, K12, L2, L3, L4, L5, L6, L9,
L10, L11, L12, M3, M4, M5, M6, M9, M10,
M11, M12
VSS
Digital supply ground
K13, K14
DB<13> -, +
Negative, Positive data input bit 13 (MSB), reduced swing LVDS
L1
PIN_MODE
0, SPI Mode, SPI enabled
1, PIN Mode, SPI disabled, direct pin control
L7, L8, M7, M8, N7, N8, P7, P8
VDD33
3.3V Digital supply
L13, L14
DB<12> -, +
Negative, Positive data input bit 12, reduced swing LVDS
M2, M1
DB<0> -, +
Negative, Positive data input bit 0 (LSB), reduced swing LVDS
M13, M14
DB<11> -, +
Negative, Positive data input bit 11, reduced swing LVDS
N1, P1
DB<1> -, +
Negative, Positive data input bit 1, reduced swing LVDS
N2, P2
DB<2> -, +
Negative, Positive data input bit 2, reduced swing LVDS
N3, P3
DB<3> -, +
Negative, Positive data input bit 3, reduced swing LVDS
N4, P4
DB<4> -, +
Negative, Positive data input bit 4, reduced swing LVDS
N5, P5
DB<5> -, +
Negative, Positive data input bit 5, reduced swing LVDS
N6, P6
DATACLK_OUT -, +
Negative, Positive output clock, reduced swing LVDS
N9, P9
DATACLK_IN -, +
Negative, Positive data input clock, reduced swing LVDS
N10, P10
DB<6> -, +
Negative, Positive data input bit 6, reduced swing LVDS
N11, P11
DB<7> -, +
Negative, Positive data input bit 7, reduced swing LVDS
N12, P12
DB<8> -, +
Negative, Positive data input bit 8, reduced swing LVDS
N13, P13
DB<9> -, +
Negative, Positive data input bit 9, reduced swing LVDS
N14, P14
DB<10> -, +
Negative, Positive data input bit 10, reduced swing LVDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com