Electronic Components Datasheet Search
  English  ▼

X  

AD9736-EB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9736-EB
Description  14/12/10-Bit, 1200 MSPS D/A Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736-EB Datasheet(HTML) 3 Page - Analog Devices

  AD9736-EB Datasheet HTML 1Page - Analog Devices AD9736-EB Datasheet HTML 2Page - Analog Devices AD9736-EB Datasheet HTML 3Page - Analog Devices AD9736-EB Datasheet HTML 4Page - Analog Devices AD9736-EB Datasheet HTML 5Page - Analog Devices AD9736-EB Datasheet HTML 6Page - Analog Devices AD9736-EB Datasheet HTML 7Page - Analog Devices AD9736-EB Datasheet HTML 8Page - Analog Devices AD9736-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Preliminary Technical Data
AD9736/AD9735/AD9734
Rev. PrJ | Page 3 of 42
AD9736/AD9735/AD9734—SPECIFICATIONS1
DC SPECIFICATIONS
(VDDA33 = VDDD33 = 3.3 V, VDDA18 = VDDD18 = VDDCLK = 1.8 V, MAXIMUM SAMPLE RATE, FS = 20MA,
1X MODE, 25 OHM 1% BALANCED LOAD, UNLESS OTHERWISE NOTED)
AD9736
AD9735
AD9734
Parameter
Temp
Test Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
14
12
10
Bits
Integral Nonlinearity (INL)
± 2.0
TBD
TBD
LSB
ACCURACY
Differential Nonlinearity (DNL)
± 1.0
TBD
TBD
LSB
Offset Error
TBD
TBD
TBD
% FSR
Gain Error (With Internal Reference)
± 0.5
± 0.5
± 0.5
% FSR
Gain Error (Without Internal Reference)
± 0.5
± 0.5
± 0.5
% FSR
Full Scale Output Current
10
20
30
10
20
30
10
20
30
mA
Output Compliance Range
1.0
1.0
1.0
V
Output Resistance
TBD
TBD
TBD
k
Ω
ANALOG OUTPUTS
Output Capacitance
TBD
TBD
TBD
pF
Offset
TBD
TBD
TBD
ppm/
°C
Gain
TBD
TBD
TBD
ppm/
°C
TEMPERATURE DRIFT
Reference Voltage
TBD
TBD
TBD
ppm/
°C
Internal Reference Voltage
1.2
1.2
1.2
V
REFERENCE
Output Current
100
100
100
nA
VDDA33
3.13
3.3
3.47
3.13
3.3
3.47
3.13
3.3
3.47
V
ANALOG SUPPLY VOLTAGES
VDDA18
1.70
1.8
1.90
1.70
1.8
1.90
1.70
1.8
1.90
V
VDDD33
3.13
3.3
3.47
3.13
3.3
3.47
3.13
3.3
3.47
V
DIGITAL SUPPLY VOLTAGES
VDDD18
1.70
1.8
1.90
1.70
1.8
1.90
1.70
1.8
1.90
V
Bypass Mode
380
380
380
mW
FIR Interpolation Filter Enabled
550
550
550
mW
POWER CONSUMPTION
Standby Power
TBD
TBD
TBD
mW
IDDA33
25
TBD
TBD
mA
IDDA18
47
TBD
TBD
mA
IDDD33
10
TBD
TBD
mA
SUPPLY CURRENTS
1X Mode
IDDD18
122
TBD
TBD
mA
IDDA33
25
TBD
TBD
mA
IDDA18
47
TBD
TBD
mA
IDDD33
10
TBD
TBD
mA
SUPPLY CURRENTS
2x Mode, Interpoation Enabled
IDDD18
234
TBD
TBD
mA
Table 1: DC Specifications
1 Specifications subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com