Electronic Components Datasheet Search
  English  ▼

X  

AD9736-EB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9736-EB
Description  14/12/10-Bit, 1200 MSPS D/A Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736-EB Datasheet(HTML) 5 Page - Analog Devices

  AD9736-EB Datasheet HTML 1Page - Analog Devices AD9736-EB Datasheet HTML 2Page - Analog Devices AD9736-EB Datasheet HTML 3Page - Analog Devices AD9736-EB Datasheet HTML 4Page - Analog Devices AD9736-EB Datasheet HTML 5Page - Analog Devices AD9736-EB Datasheet HTML 6Page - Analog Devices AD9736-EB Datasheet HTML 7Page - Analog Devices AD9736-EB Datasheet HTML 8Page - Analog Devices AD9736-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Preliminary Technical Data
AD9736/AD9735/AD9734
Rev. PrJ | Page 5 of 42
AC SPECIFICATIONS
(VDDA33 = VDDD33 = 3.3 V, VDDA18 = VDDD18 = VDDCLK = 1.8 V, MAXIMUM SAMPLE RATE, FS = 20MA,
1X MODE, 25 OHM 1% BALANCED LOAD, UNLESS OTHERWISE NOTED)
AD9736
AD9735
AD9734
Parameter
Temp
Test Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Maximum Update Rate
1200
1200
1200
MSPS
Output Settling Time (tst) (to 0.025%)
TBD
TBD
TBD
ns
Output Rise Time (10% to 90%)
TBD
TBD
TBD
ns
Output Fall Time (90% to 10%)
TBD
TBD
TBD
ns
DYNAMIC PERFORMANCE
Output Noise (IoutFS=20mA)
TBD
TBD
TBD
pA/rtHz
fDAC = 1200 MSPS, fOUT = 50 MHz
80
dBc
fDAC = 1200 MSPS, fOUT = 100 MHz
77
dBc
fDAC = 1200 MSPS, fOUT = 316 MHz
63
dBc
SPURIOUS FREE DYNAMIC RANGE (SFDR)
fDAC = 1200 MSPS, fOUT = 550 MHz
55
dBc
fDAC = 1200 MSPS, fOUT = 50 MHz
85
dBc
fDAC = 1200 MSPS, fOUT = 100 MHz
84
dBc
fDAC = 1200 MSPS, fOUT = 316 MHz
74
dBc
Two Tone Intermodulation Distortion (IMD)
fDAC = 1200 MSPS, fOUT = 550 MHz
65
dBc
fDAC = 1200 MSPS, fOUT = 50 MHz
-165
dBm/Hz
fDAC = 1200 MSPS, fOUT = 100 MHz
-164
dBm/Hz
fDAC = 1200 MSPS, fOUT = 316 MHz
-158
dBm/Hz
Noise Spectral Density (NSD)
fDAC = 1200 MSPS, fOUT = 550 MHz
-155
dBm/Hz
Table 3: AC Specifications
EXPLANATION OF TEST LEVELS
TEST LEVEL
I
100% production tested.
II
100% production tested at +25°C and guaranteed by design and characterization at specified temperatures.
III
Sample Tested Only
IV
Parameter is guaranteed by design and characterization testing.
V
Parameter is a typical value only.
VI
100% production tested at +25°C and guaranteed by design and characterization for industrial temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com