Electronic Components Datasheet Search
  English  ▼

X  

AD9736-EB Datasheet(PDF) 29 Page - Analog Devices

Part # AD9736-EB
Description  14/12/10-Bit, 1200 MSPS D/A Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736-EB Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9736-EB Datasheet HTML 25Page - Analog Devices AD9736-EB Datasheet HTML 26Page - Analog Devices AD9736-EB Datasheet HTML 27Page - Analog Devices AD9736-EB Datasheet HTML 28Page - Analog Devices AD9736-EB Datasheet HTML 29Page - Analog Devices AD9736-EB Datasheet HTML 30Page - Analog Devices AD9736-EB Datasheet HTML 31Page - Analog Devices AD9736-EB Datasheet HTML 32Page - Analog Devices AD9736-EB Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Preliminary Technical Data
AD9736/AD9735/AD9734
Rev. PrJ | Page 29 of 42
VOLTAGE REFERENCE
The AD9736 output current is set by a combination of digital
control bits and the I120 reference current as shown in Figure 33.
Figure 33. Voltage Reference Circuit
The reference current is obtained by forcing the bandgap voltage
across an external 10kohm resistor from I120 (pin B14) to ground.
The 1.2V nominal bandgap voltage (Vref) will generate a 120uA
reference current in the 10k resistor. This current is adjusted
digitally by FSC<9:0> (REG02, REG03) to set the output full scale
current IFS:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
>
<
×
+
×
=
0
:
9
1024
192
2
7
R
Vref
FSC
I
FS
The full scale output current range is 10mA to 30mA for register
values from 0x000 to 0x3FF. The default value of 0x200 generates
20mA full scale. The typical range is shown in Figure 34.
0
5
10
15
20
25
30
35
0
200
400
600
800
1000
DAC gain code
Figure 34. IFS vs. DAC Gain Code
VREF (pin C14) must be bypassed to ground with a 1nF capacitor.
The bandgap voltage is present on this pin and may be buffered for
use in external circuitry. The typical output impedance is near
5kohms. If desired, an external reference may be used to overdrive
the internal reference by connecting it to the VREF pin.
IPTAT (pin D14) is used for factory testing. It may be left floating
(preferred) or tied to analog ground. It will output a current which
is proportional to absolute temperature. The nominal output is
approximately 10uA at 25C. The slope is approximately 20nA per
degree C.
Current
Scaling
DAC
Vbg
1.2V
FSC<9:0>
Ifull-scale
AD9736
I120
1nF
Vref
I120
10kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com