Electronic Components Datasheet Search
  English  ▼

X  

COP684EG Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP684EG
Description  8-Bit Microcontroller with UART and Three Multi-Function Timers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP684EG Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button COP684EG Datasheet HTML 18Page - National Semiconductor (TI) COP684EG Datasheet HTML 19Page - National Semiconductor (TI) COP684EG Datasheet HTML 20Page - National Semiconductor (TI) COP684EG Datasheet HTML 21Page - National Semiconductor (TI) COP684EG Datasheet HTML 22Page - National Semiconductor (TI) COP684EG Datasheet HTML 23Page - National Semiconductor (TI) COP684EG Datasheet HTML 24Page - National Semiconductor (TI) COP684EG Datasheet HTML 25Page - National Semiconductor (TI) COP684EG Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
UART
The device contains a full-duplex software programmable
UART The UART
(Figure 11) consists of a transmit shift
register a receiver shift register and seven addressable reg-
isters as follows a transmit buffer register (TBUF) a receiv-
er buffer register (RBUF) a UART control and status regis-
ter (ENU) a UART receive control and status register
(ENUR) a UART interrupt and clock source register (ENUI)
a prescaler select register (PSR) and baud (BAUD) register
The ENU register contains flags for transmit and receive
functions this register also determines the length of the
data frame (7 8 or 9 bits) the value of the ninth bit in trans-
mission and parity selection bits The ENUR register flags
framming data overrun and parity errors while the UART is
receiving
Other functions of the ENUR register include saving the
ninth bit received in the data frame enabling or disabling the
UART’s attention mode of operation and providing addition-
al receivertransmitter status information via RCVG and
XMTG bits The determination of an internal or external
clock source is done by the ENUI register as well as select-
ing the number of stop bits and enabling or disabling trans-
mit and receive interrupts A control flag in this register can
also select the UART mode of operation asynchronous or
synchronous
TLDD11214 – 23
FIGURE 11 UART Block Diagram
http
www nationalcom
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com