Electronic Components Datasheet Search
  English  ▼

X  

COP684EG Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP684EG
Description  8-Bit Microcontroller with UART and Three Multi-Function Timers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP684EG Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button COP684EG Datasheet HTML 31Page - National Semiconductor (TI) COP684EG Datasheet HTML 32Page - National Semiconductor (TI) COP684EG Datasheet HTML 33Page - National Semiconductor (TI) COP684EG Datasheet HTML 34Page - National Semiconductor (TI) COP684EG Datasheet HTML 35Page - National Semiconductor (TI) COP684EG Datasheet HTML 36Page - National Semiconductor (TI) COP684EG Datasheet HTML 37Page - National Semiconductor (TI) COP684EG Datasheet HTML 38Page - National Semiconductor (TI) COP684EG Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Addressing Modes
There are ten addressing modes six for operand address-
ing and four for transfer of control
OPERAND ADDRESSING MODES
Register Indirect
This is the ‘‘normal’’ addressing mode The operand is the
data memory addressed by the B pointer or X pointer
Register Indirect (with auto post increment or
decrement of pointer)
This addressing mode is used with the LD and X instruc-
tions The operand is the data memory addressed by the B
pointer or X pointer This is a register indirect mode that
automatically post increments or decrements the B or X reg-
ister after executing the instruction
Direct
The instruction contains an 8-bit address field that directly
points to the data memory for the operand
Immediate
The instruction contains an 8-bit immediate field as the op-
erand
Short Immediate
This addressing mode is used with the Load B Immediate
instruction The instruction contains a 4-bit immediate field
as the operand
Indirect
This addressing mode is used with the LAID instruction The
contents of the accumulator are used as a partial address
(lower 8 bits of PC) for accessing a data operand from the
program memory
TRANSFER OF CONTROL ADDRESSING MODES
Relative
This mode is used for the JP instruction with the instruction
field being added to the program counter to get the new
program location JP has a range from b31 to a32 to allow
a 1-byte relative jump (JP a 1 is implemented by a NOP
instruction) There are no ‘‘pages’’ when using JP since all
15 bits of PC are used
Absolute
This mode is used with the JMP and JSR instructions with
the instruction field of 12 bits replacing the lower 12 bits of
the program counter (PC) This allows jumping to any loca-
tion in the current 4k program memory segment
Absolute Long
This mode is used with the JMPL and JSRL instructions
with the instruction field of 15 bits replacing the entire 15
bits of the program counter (PC) This allows jumping to any
location up to 32k in the program memory space
Indirect
This mode is used with the JID instruction The contents of
the accumulator are used as a partial address (lower 8 bits
of PC) for accessing a location in the program memory The
contents of this program memory location serve as a partial
address (lower 8 bits of PC) for the jump to the next instruc-
tion
Note
The VIS is a special case of the Indirect Transfer of Control address-
ing mode where the double byte vector associated with the interrupt
is transferred from adjacent addresses in the program memory into
the program counter (PC) in order to jump to the associated interrupt
service routine
Instruction Set
Register and Symbol Definition
Registers
A
8-Bit Accumulator Register
B
8-Bit Address Register
X
8-Bit Address Register
SP
8-Bit Stack Pointer Register
PC
15-Bit Program Counter Register
PU
Upper 7 Bits of PC
PL
Lower 8 Bits of PC
C
1 Bit of PSW Register for Carry
HC
1 Bit of PSW Register for Half Carry
GIE
1 Bit of PSW Register for Global
Interrupt Enable
VU
Interrupt Vector Upper Byte
VL
Interrupt Vector Lower Byte
Symbols
B
Memory Indirectly Addressed by B
Register
X
Memory Indirectly Addressed by X
Register
MD
Direct Addressed Memory
Mem
Direct Addressed Memory or B
Meml
Direct Addressed Memory or B or
Immediate Data
Imm
8-Bit Immediate Data
Reg
Register Memory Addresses F0 to FF
(Includes B X and SP)
Bit
Bit Number (0 to 7)
w
Loaded with
Exchanged with
http
www nationalcom
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com