Electronic Components Datasheet Search
  English  ▼

X  

IL300 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # IL300
Description  Linear Optocoupler, High Gain Stability, Wide Bandwidth
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL300 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button IL300 Datasheet HTML 3Page - Vishay Siliconix IL300 Datasheet HTML 4Page - Vishay Siliconix IL300 Datasheet HTML 5Page - Vishay Siliconix IL300 Datasheet HTML 6Page - Vishay Siliconix IL300 Datasheet HTML 7Page - Vishay Siliconix IL300 Datasheet HTML 8Page - Vishay Siliconix IL300 Datasheet HTML 9Page - Vishay Siliconix IL300 Datasheet HTML 10Page - Vishay Siliconix IL300 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
VISHAY
IL300
Document Number 83622
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
7
Figure 6. Normalized Servo Photocurrent vs. LED Current and
Temperature
Figure 7. Normalized Servo Photocurrent vs. LED Current and
Temperature
Figure 8. Servo Gain vs. LED Current and Temperature
iil300_06
0
5
10
15
20
25
3.0
2.5
2.0
1.5
1.0
0.5
0.0
IF - LED Current - mA
Normalized to: IP1@ IF=10 mA,
TA=25°C
VD=–15 V
0°C
25°C
50°C
75°C
iil300_07
.1
1
10
100
10
1
.1
.01
IF - LED Current - mA
0°C
25°C
50°C
75°C
Normalized to: IP1@ IF=10 mA,
TA=25°C
VD=–15 V
iil300_08
.1
1
10
100
IF - LED Current - mA
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0°C
25°C
50°C
75°C
85°C
Figure 9. Normalized Servo Gain vs. LED Current and
Temperature
Figure 10. Transfer Gain vs. LED Current and Temperature
Figure 11. Normalized Transfer Gain vs. LED Current and
Temperature
iil300_09
.1110
100
IF - LED Current - mA
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0°C
25°C
50°C
75°C
100°C
Normalized to:
IF = 10 mA,TA = 25°C
iil300_10
0
5
10
15
20
25
1.010
1.005
1.000
0.995
0.990
IF - LED Current - mA
0°C
25°C
50°C
75°C
iil300_11
0
5
10
15
20
25
1.010
1.005
1.000
0.995
0.990
IF - LED Current - mA
0°C
25°C
50°C
75°C
Normalized to:
I F =10mA,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com