Electronic Components Datasheet Search
  English  ▼

X  

IL300 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL300
Description  Linear Optocoupler, High Gain Stability, Wide Bandwidth
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL300 Datasheet(HTML) 4 Page - Vishay Siliconix

  IL300 Datasheet HTML 1Page - Vishay Siliconix IL300 Datasheet HTML 2Page - Vishay Siliconix IL300 Datasheet HTML 3Page - Vishay Siliconix IL300 Datasheet HTML 4Page - Vishay Siliconix IL300 Datasheet HTML 5Page - Vishay Siliconix IL300 Datasheet HTML 6Page - Vishay Siliconix IL300 Datasheet HTML 7Page - Vishay Siliconix IL300 Datasheet HTML 8Page - Vishay Siliconix IL300 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.vishay.com
4
Document Number 83622
Rev. 1.4, 26-Oct-04
VISHAY
IL300
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
LED Emitter
Output
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 10 mA
VF
1.25
1.50
V
VF Temperature coefficient
∆V
F/∆ °C
- 2.2
mV/°C
Reverse current
VR = 5 V
IR
1.0
µA
Junction capacitance
VF = 0 V, f = 1.0 MHz
Cj
15
pF
Dynamic resistance
IF = 10 mA
∆V
F/∆IF
6.0
Ω
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Dark current
Vdet = -15 V, IF = 0 µsID
1.0
25
nA
Open circuit voltage
IF = 10 mA
VD
500
mV
Short circuit current
IF = 10 mA
ISC
70
µA
Junction capacitance
VF = 0, f = 1.0 MHz
Cj
12
pF
Noise equivalent power
Vdet = 15 V
NEP
4 x 1014
W/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com