Electronic Components Datasheet Search
  English  ▼

X  

IL300 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL300
Description  Linear Optocoupler, High Gain Stability, Wide Bandwidth
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL300 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL300 Datasheet HTML 1Page - Vishay Siliconix IL300 Datasheet HTML 2Page - Vishay Siliconix IL300 Datasheet HTML 3Page - Vishay Siliconix IL300 Datasheet HTML 4Page - Vishay Siliconix IL300 Datasheet HTML 5Page - Vishay Siliconix IL300 Datasheet HTML 6Page - Vishay Siliconix IL300 Datasheet HTML 7Page - Vishay Siliconix IL300 Datasheet HTML 8Page - Vishay Siliconix IL300 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
VISHAY
IL300
Document Number 83622
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
Parameter
Test condition
Symbol
Value
Unit
Power dissipation
Pdiss
160
mW
Derate linearly from 25 °C
2.13
mW/°C
Forward current
IF
60
mA
Surge current (pulse width < 10
µs)
IPK
250
mA
Reverse voltage
VR
5.0
V
Thermal resistance
Rth
470
K/W
Junction temperature
Tj
100
°C
Parameter
Test condition
Symbol
Value
Unit
Power dissipation
Pdiss
50
mA
Derate linearly from 25 °C
0.65
mW/°C
Reverse voltage
VR
50
V
Junction temperature
Tj
100
°C
Thermal resistance
Rth
1500
K/W
Parameter
Test condition
Symbol
Value
Unit
Total package dissipation at
25 °C
Ptot
210
mW
Derate linearly from 25 °C
2.8
mW/°C
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Isolation test voltage
> 5300
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
> 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
> 1011
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com