Electronic Components Datasheet Search
  English  ▼

X  

IL300 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # IL300
Description  Linear Optocoupler, High Gain Stability, Wide Bandwidth
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL300 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button IL300 Datasheet HTML 7Page - Vishay Siliconix IL300 Datasheet HTML 8Page - Vishay Siliconix IL300 Datasheet HTML 9Page - Vishay Siliconix IL300 Datasheet HTML 10Page - Vishay Siliconix IL300 Datasheet HTML 11Page - Vishay Siliconix IL300 Datasheet HTML 12Page - Vishay Siliconix IL300 Datasheet HTML 13Page - Vishay Siliconix IL300 Datasheet HTML 14Page - Vishay Siliconix IL300 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
www.vishay.com
12
Document Number 83622
Rev. 1.4, 26-Oct-04
VISHAY
IL300
Vishay Semiconductors
Table 2. Optolinear amplifiers
These amplifiers provide either an inverting or non-
inverting transfer gain based upon the type of input
and output amplifier. Table 2 shows the various con-
figurations along with the specific transfer gain equa-
tions. The offset column refers to the calculation of the
output offset or Vref2 necessary to provide a zero volt-
age output for a zero voltage input. The non-inverting
input amplifier requires the use of a bipolar supply,
while the inverting input stage can be implemented
with single supply operational amplifiers that permit
operation close to ground.
Figure 22. Non-inverting and Inverting Amplifiers
iil300_22
Vcc
20pF
4
1
2
3
4
8
7
6
5
+Vref2
R5
R6
7
2
4
3
Vo
R4
R3
–Vref1
Vin
R1
R2
3
7
6
+
+Vcc
100
Ω
6
IL 300
2
–Vcc
–Vcc
Vcc
–Vcc
+
Vcc
Vcc
20pF
4
1
2
3
4
8
7
6
5
+Vref2
7
2
4
3
Vout
R4
R3
+Vref1
Vin
R1
R2
3
7
6
+
+Vcc
100
Ω
6
2
Vcc
Vcc
–Vcc
+
Vcc
–
–
Non-Inverting Input
Non-Inverting Output
Inverting Input
Inverting Output
IL 300
–
–
–Vcc
Amplifier
Input
Output
Gain
Offset
Non-Inverting
Inverting
Inverting
Inverting
Inverting
Inverting
Non-Inverting Non-Inverting
Non-Inverting
Non-Inverting
VOUT
VIN
=
K3 R4 R2
R3 (R1 + R2)
VOUT
VIN
=
K3 R4 R2 (R5 + R6)
R3 R5 (R1 + R2)
VOUT
VIN
=
-K3R4R2(R5+R6)
R3 R5 (R1 + R2)
VOUT
VIN
=
K3 R4 R2
R3 (R1 + R2)
-
Vref2 =
Vref1 R4 K3
R3
Vref2 =
-Vref1
R3 R6
R4 (R5 + R6) K3
Vref2 =
Vref1
R3 R6
R4 (R5 + R6) K3
Vref2 =
-Vref1 R4 K3
R3
17189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com