Electronic Components Datasheet Search
  English  ▼

X  

IL300 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL300
Description  Linear Optocoupler, High Gain Stability, Wide Bandwidth
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL300 Datasheet(HTML) 1 Page - Vishay Siliconix

  IL300 Datasheet HTML 1Page - Vishay Siliconix IL300 Datasheet HTML 2Page - Vishay Siliconix IL300 Datasheet HTML 3Page - Vishay Siliconix IL300 Datasheet HTML 4Page - Vishay Siliconix IL300 Datasheet HTML 5Page - Vishay Siliconix IL300 Datasheet HTML 6Page - Vishay Siliconix IL300 Datasheet HTML 7Page - Vishay Siliconix IL300 Datasheet HTML 8Page - Vishay Siliconix IL300 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
IL300
Document Number 83622
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
1
i179026
A
C
NC
NC
C
A
A
C
1
2
3
4
8
7
6
5
K2
K1
Pb
Pb-free
e3
Linear Optocoupler, High Gain Stability, Wide Bandwidth
Features
• Couples AC and DC signals
• 0.01 % Servo Linearity
• Wide Bandwidth, > 200 kHz
• High Gain Stability, ± 0.05 %/ °C
• Low Input-Output Capacitance
• Low Power Consumption, < 15 mW
• Isolation Test Voltage, 5300 VRMS, 1.0 sec.
• Internal Insulation Distance, > 0.4 mm for VDE
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL File #E52744
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
Available with Option 1, Add -X001 Suffix
Applications
Power Supply Feedback Voltage/Current
Medical Sensor Isolation
Audio Signal Interfacing
Isolated Process Control Transducers
Digital Telephone Isolation
Description
The IL300 Linear Optocoupler consists of an AlGaAs
IRLED irradiating an isolated feedback and an output
PIN photodiode in a bifurcated arrangement. The
feedback photodiode captures a percentage of the
LED’s flux and generates a control signal (IP1) that
can be used to servo the LED drive current. This tech-
nique compensates for the LED’s non-linear, time,
and temperature characteristics. The output PIN pho-
todiode produces an output signal (IP2) that is linearly
related to the servo optical flux created by the LED.
The time and temperature stability of the input-output
coupler gain (K3) is insured by using matched PIN
photodiodes that accurately track the output flux of
the LED.
Order Information
For additional information on the available options refer to
Option Information.
Part
Remarks
IL300
K3 = 0.557 - 1.618, DIP-8
IL300-DEFG
K3 = 0.765 - 1.181, DIP-8
IL300-EF
K3 = 0.851 - 1.061, DIP-8
IL300-E
K3 = 0.851 - 0.955, DIP-8
IL300-F
K3 = 0.945 - 1.061, DIP-8
IL300-X006
K3 = 0.557 - 1.618, DIP-8 400mil (option 6)
IL300-X007
K3 = 0.557 - 1.618, SMD-8 (option 7)
IL300-X009
K3 = 0.557 - 1.618, SMD-8 (option 9)
IL300-DEFG-X006
K3 = 0.765 - 1.181, DIP-8 400 mil (option 6)
IL300-DEFG-X007
K3 = 0.765 - 1.181, SMD-8 (option 7)
IL300-DEFG-X009
K3 = 0.765 - 1.181, SMD-8 (option 9)
IL300-EF-X006
K3 = 0.851 - 1.061, DIP-8 400 mil (option 6)
IL300-EF-X007
K3 = 0.851 - 1.061, SMD-8 (option 7)
IL300-EF-X009
K3 = 0.851 - 1.061, SMD-8 (option 9)
IL300-E-X006
K3 = 0.851 - 0.955, DIP-8 400 mil (option 6)
IL300-E-X007
K3 = 0.851 - 0.955, SMD-8 (option 7)
IL300-E-X009
K3 = 0.851 - 0.955, SMD-8 (option 9)
IL300-F-X006
K3 = 0.945 - 1.061, DIP-8 400 mil (option 6)
IL300-F-X007
K3 = 0.945 - 1.061, SMD-8 (option 7)
IL300-F-X009
K3 = 0.945 - 1.061, SMD-8 (option 9)


Similar Part No. - IL300

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL300 SIEMENS-IL300 Datasheet
134Kb / 8P
LINEAR OPTOCOUPLER
logo
Vishay Siliconix
IL300 VISHAY-IL300 Datasheet
198Kb / 15P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
24-Mar-05
IL300 VISHAY-IL300 Datasheet
192Kb / 11P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
23-Sep-11
IL300 VISHAY-IL300 Datasheet
192Kb / 11P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
02-Jun-14
IL300-DEFG VISHAY-IL300-DEFG Datasheet
198Kb / 15P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
24-Mar-05
More results

Similar Description - IL300

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6318T SIEMENS-SFH6318T Datasheet
33Kb / 3P
LOW CURRENT, HIGH GAIN OPTOCOUPLER
logo
RF Micro Devices
RF3865 RFMD-RF3865 Datasheet
151Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
RF3866 RFMD-RF3866 Datasheet
150Kb / 6P
WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
logo
Vishay Siliconix
IL300 VISHAY-IL300_05 Datasheet
198Kb / 15P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
24-Mar-05
IL300-EF-X016 VISHAY-IL300-EF-X016 Datasheet
192Kb / 11P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
23-Sep-11
IL300-F-X009T VISHAY-IL300-F-X009T Datasheet
192Kb / 11P
Linear Optocoupler, High Gain Stability, Wide Bandwidth
02-Jun-14
logo
M.S. Kennedy Corporatio...
MSK450 MSK-MSK450_15 Datasheet
344Kb / 5P
Wide Bandwidth - 65MHz at Gain of -1
logo
Harris Corporation
HA-4622 HARRIS-HA-4622 Datasheet
1Mb / 5P
wide gain bandwidth product
logo
Skyworks Solutions Inc.
OLI303 SKYWORKS-OLI303 Datasheet
278Kb / 6P
Miniature Wide Bandwidth Optocoupler for Hybrid Assembly
September 12, 2017
OLS303 SKYWORKS-OLS303 Datasheet
283Kb / 6P
Hermetic Surface Mount Wide Bandwidth Optocoupler
June 19, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com