Electronic Components Datasheet Search
  English  ▼

X  

ADC10D040 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10D040
Description  Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10D040 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC10D040 Datasheet HTML 1Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 2Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 3Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 4Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 5Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 6Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 7Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 8Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin No.
Symbol
Equivalent Circuit
Description
33
CLK
Digital clock input for both converters. The analog inputs are
sampled on the falling edge of this clock input.
2OS
Output Bus Select. With this pin at a logic high, both the “I”
and the “Q” data are present on their respective 10-bit output
buses (Parallel mode of operation). When this pin is at a logic
low, the “I” and “Q” data are multiplexed onto the “I” output
bus and the “Q” output lines all remain at a logic low
(multiplexed mode).
31
OC
Offset Correct pin. A low-to-high transition on this pin initiates
an independent offset correction sequence for each converter,
which takes 34 clock cycles to complete. During this time 32
conversions are taken and averaged. The result is subtracted
from subsequent conversions. Each input pair should have 0V
differential value during this entire 34 clock period.
32
OF
Output Format pin. When this pin is LOW the output format is
Offset Binary. When this pin is HIGH the output format is 2’s
complement. This pin may be changed asynchronously, but
this will result in errors for one or two conversions.
34
STBY
Standby pin. The device operates normally with a logic low on
this and the PD (Power Down) pin. With this pin at a logic
high and the PD pin at a logic low, the device is in the
standby mode where it consumes just 30 mW of power. It
takes just 800 ns to come out of this mode after the STBY pin
is brought low.
35
PD
Power Down pin that, when high, puts the converter into the
Power Down mode where it consumes just 1 mW of power. It
takes less than 1 ms to recover from this mode after the PD
pin is brought low. If both the STBY and PD pins are high
simultaneously, the PD pin dominates.
36
GAIN
This pin sets the internal signal gain at the inputs to the
ADCs. With this pin low the full scale differential input
peak-to-peak signal is equal to V
REF. With this pin high the
full scale differential input peak-to-peak signal is equal to 2 x
V
REF.
8 thru 27
I0–I9 and Q0–Q9
3V TTL/CMOS-compatible Digital Output pins that provide the
conversion results of the I and Q inputs. I0 and Q0 are the
LSBs, I9 and Q9 are the MSBs. Valid data is present just
after the rising edge of the CLK input in the Parallel mode. In
the multiplex mode, I-channel data is valid on I0 through I9
when the I/Q output is high and the Q-channel data is valid
on I0 through I9 when the I/Q output is low.
28
I/Q
Output data valid signal. In the multiplexed mode, this pin
transitions from low to high when the data bus transitions
from Q-data to I-data, and from high to low when the data bus
transitions from I-data to Q-data. In the Parallel mode, this pin
transitions from low to high as the output data changes.
40, 41
V
A
Positive analog supply pin. This pin should be connected to a
quiet voltage source of +3.0V to +3.6V. V
A and VD should
have a common supply and be separately bypassed with
10 µF to 50 µF capacitors in parallel with 0.1 µF capacitors.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com