Electronic Components Datasheet Search
  English  ▼

X  

ADC10D040 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10D040
Description  Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10D040 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button ADC10D040 Datasheet HTML 5Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 6Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 7Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 8Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 9Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 10Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 11Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 12Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply for V
A =VD = +3.3 VDC,VDR = +2.5 VDC,VREF = 1.4 VDC, GAIN = OF = 0V, OS = 3.3V, VIN
(a.c. coupled) = FSR = 1.4 V
P-P,CL = 15 pF, fCLK = 40 MHz, 50% Duty Cycle, RS =50
Ω,t
rc =tfc < 4 ns, NOT offset cor-
rected. Boldface limits apply for T
A =TMIN to TMAX: all other limits TA = 25˚C (Note 7).
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
I
D
Digital Supply Current
PD = LOW, STBY = LOW, d.c. input
9
10
mA (max)
PD = LOW, STBY = HIGH
0.1
mA
PD = HIGH, STBY = LOW or HIGH
0.1
mA
I
DR
Digital Output Driver Supply
Current (Note 10)
PD = STBY = LOW, dc input
1.9
2.5
mA (max)
PD
Power Consumption
PD = LOW, STBY = LOW, d.c. input
267
305
mW (max)
PD = LOW, STBY = LOW, 1 MHz Input
270
mW
PD = LOW, STBY = HIGH
30
mW
PD = HIGH, STBY = LOW or HIGH
0.6
mW
PSRR1 Power Supply Rejection Ratio
Change in Full Scale with 3.0V to 3.6V Supply
Change
90
dB
PSRR2 Power Supply Rejection Ratio
Rejection at output with 10.3 MHz, 250 mV
P-P
Riding on V
A and VD
52
dB
AC Electrical Characteristics
OS = Low (Multiplexed Mode)
The following specifications apply for V
A =VD = +3.3 VDC,VDR = +2.5VDC,VREF = 1.4 VDC, GAIN = OF = 0V, OS = 0V, VIN
(a.c. coupled) = FSR = 1.4 V
P-P,CL = 15 pF, fCLK = 40 MHz, 50% Duty Cycle, RS =50
Ω,t
rc =tfc < 4 ns, NOT offset cor-
rected. Boldface limits apply for T
A =TMIN to TMAX: all other limits TA = 25˚C (Note 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
f
CLK1
Maximum Clock Frequency
45
40
MHz (min)
f
CLK2
Minimum Clock Frequency
20
MHz
Duty Cycle
50
45
55
% (min)
% (max)
Pipeline Delay (Latency)
I Data
2.5
Clock Cycles
Q Data
3.0
Clock Cycles
t
r,tf
Output Rise and Fall Times
5
ns
t
OC
Offset Correction Pulse Width
10
ns (min)
t
OD
Output Delay from CLK Edge to
Data Valid
13
19
ns (max)
t
DIQ
I/Q Output Delay
13
ns
t
SKEW
I/Q to Data Skew
±200
ps
t
AD
Sampling (Aperture) Delay
2.2
ns
t
AJ
Aperture Jitter
<10
ps (rms)
t
VALID
Data Valid Time
7.5
ns
Overrange Recovery Time
Differential V
IN step from 1.5V to
0V
50
ns
t
WUPD
PD Low to 1/2 LSB Accurate
Conversion (Wake-Up Time)
<1ms
t
WUSB
STBY Low to 1/2 LSB Accurate
Conversion (Wake-Up Time)
800
ns
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com