Electronic Components Datasheet Search
  English  ▼

X  

ADC10D040 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10D040
Description  Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10D040 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button ADC10D040 Datasheet HTML 12Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 13Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 14Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 15Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 16Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 17Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 18Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 19Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Typical Performance Characteristics V
A =VD = 3.3V, VDR = 2.5V, fCLK = 40 MHz, fIN = 10.4 MHz,
unless otherwise specified (Continued)
Typical DNL
DNL vs. V
A
20029788
20029789
DNL vs. V
REF
DNL vs. f
CLK
20029790
20029791
SNR, SINAD & SFDR vs. V
A
DISTORTION vs. V
A
20029794
20029795
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com