Electronic Components Datasheet Search
  English  ▼

X  

ADC10D040 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10D040
Description  Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10D040 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC10D040 Datasheet HTML 1Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 2Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 3Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 4Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 5Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 6Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 7Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 8Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ADC10D040
Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
General Description
The ADC10D040 is a dual low power, high performance
CMOS analog-to-digital converter that digitizes signals to 10
bits resolution at sampling rates up to 45 MSPS while con-
suming a typical 267 mW from a single 3.3V supply. No
missing codes is guaranteed over the full operating tempera-
ture range. The unique two stage architecture achieves 9.4
Effective Bits over the entire Nyquist band at 40 MHz sample
rate. An output formatting choice of offset binary or 2’s
complement coding and a choice of two gain settings eases
the interface to many systems. Also allowing great flexibility
of use is a selectable 10-bit multiplexed or 20-bit parallel
output mode. An offset correction feature minimizes the off-
set error.
To ease interfacing to most low voltage systems, the digital
output power pins of the ADC10D040 can be tied to a
separate supply voltage of 1.5V to 3.6V, making the outputs
compatible with other low voltage systems. When not con-
verting, power consumption can be reduced by pulling the
PD (Power Down) pin high, placing the converter into a low
power state where it typically consumes less than 1 mW and
from which recovery is less than 1 ms. Bringing the STBY
(Standby) pin high places the converter into a standby mode
where power consumption is about 30 mW and from which
recovery is 800 ns.
The ADC10D040’s speed, resolution and single supply op-
eration make it well suited for a variety of applications,
including high speed portable applications.
Operating over the industrial (−40˚
≤ T
A
≤ +85˚C) tempera-
ture range, the ADC10D040 is available in a 48-pin TQFP. An
evaluation board is available to ease the design effort.
Features
n
Internal sample-and-hold
n
Internal Reference Capability
n
Dual gain settings
n
Offset correction
n
Selectable offset binary or 2’s complement output
n
Multiplexed or parallel output bus
n
Single +3.0V to 3.6V operation
n
Power down and standby modes
n
3V TTL Logic input/output compatible
Key Specifications
n
Resolution
10 Bits
n
Conversion Rate
40 MSPS
n
ENOB
9.4 Bits (typ)
n
DNL
0.35 LSB (typ)
n
Conversion Latency Parallel Outputs
2.5 Clock Cycles
— Multiplexed Outputs, I Data Bus
2.5 Clock Cycles
— Multiplexed Outputs, Q Data Bus
3 Clock Cycles
n
PSRR
90 dB
n
Power Consumption — Normal Operation
267 mW (typ)
— Power Down Mode
< 1 mW (typ)
— Fast Recovery Standby Mode
30 mW (typ)
Applications
n
Digital Video
n
CCD Imaging
n
Portable Instrumentation
n
Communications
n
Medical Imaging
n
Ultrasound
February 2005
© 2005 National Semiconductor Corporation
DS200297
www.national.com


Similar Part No. - ADC10D040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10D040 TI1-ADC10D040 Datasheet
1Mb / 32P
ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
ADC10D040CIVS TI1-ADC10D040CIVS Datasheet
1Mb / 32P
ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
ADC10D040CIVS/NOPB TI1-ADC10D040CIVS/NOPB Datasheet
1Mb / 32P
ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
ADC10D040 TI1-ADC10D040_14 Datasheet
1Mb / 32P
ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
More results

Similar Description - ADC10D040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9203 AD-AD9203 Datasheet
216Kb / 19P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV.0
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD9203ARUZRL7 AD-AD9203ARUZRL7 Datasheet
1Mb / 28P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
logo
Texas Instruments
ADC10D040 TI1-ADC10D040_14 Datasheet
1Mb / 32P
ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com