Electronic Components Datasheet Search
  English  ▼

X  

ADC10D040 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10D040
Description  Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10D040 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC10D040 Datasheet HTML 3Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 4Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 5Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 6Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 7Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 8Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 9Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 10Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Absolute Maximum Ratings
(Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Positive Supply Voltages
3.8V
Voltage on Any Pin
−0.3V to (V
A or VD +0.3V)
Input Current at Any Pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Package Dissipation at T
A = 25˚C
See (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
2500V
Machine Model
250V
Soldering Temperature,
Infrared, 10 sec. (Note 6)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
−40˚C
≤ T
A
≤ +85˚C
V
A,VD Supply Voltage
+3.0V to +3.6V
V
DR Supply Voltage
+1.5V to V
D
V
IN Differential Voltage Range
GAIN = Low
±V
REF/2
GAIN = High
±V
REF
V
CM Input Common Mode Range
GAIN = Low
V
REF/4 to (VA–VREF/4)
GAIN = High
V
REF/2 to (VA–VREF/2)
V
REF Voltage Range
0.6V to 1.8V
Digital Input Pins Voltage
Range
−0.3V to (V
A +0.3V)
Converter Electrical Characteristics
The following specifications apply for V
A =VD = +3.3 VDC,VDR = +2.5 VDC,VREF = 1.4 VDC, GAIN = OF = 0V, OS = 3.3V, VIN
(a.c. coupled) = FSR = 1.4 V
P-P,CL = 15 pF, fCLK = 40 MHz, 50% Duty Cycle, RS =50
Ω,t
rc =tfc < 4 ns, NOT offset cor-
rected. Boldface limits apply for T
A =TMIN to TMAX: all other limits TA = 25˚C (Note 7).
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
INL
Integral Non-Linearity
±0.65
±1.9
LSB (max)
DNL
Differential Non-Linearity
±0.35
+1.2
−1.0
LSB (max)
LSB (min)
Resolution with No Missing Codes
10
Bits
V
OFF
Offset Error
Without Offset Correction
−3.3
+7
−12
LSB (max)
LSB (min)
With Offset Correction
+0.4
+1.5
−0.5
LSB (max)
LSB (min)
GE
Gain Error
−4
+5
−12
%FS (max)
%FS (min)
DYNAMIC CONVERTER CHARACTERISTICS
ENOB
Effective Number of Bits
f
IN = 4.43 MHz, VIN = FSR −0.1 dB
9.5
Bits
f
IN = 10.4 MHz, VIN = FSR −0.1 dB, TA = 25˚C
9.5
9.1
Bits (min)
f
IN = 19.7 MHz, VIN = FSR −0.1 dB
9.4
Bits
SINAD
Signal-to-Noise Plus Distortion
Ratio
f
IN = 4.43 MHz, VIN = FSR −0.1 dB
59
dB
f
IN = 10.4 MHz, VIN = FSR −0.1 dB, TA = 25˚C
59
56.3
dB (min)
f
IN = 19.7 MHz, VIN = FSR −0.1 dB
58
dB
SNR
Signal-to-Noise Ratio
f
IN = 4.43 MHz, VIN = FSR −0.1 dB
60
dB
f
IN = 10.4 MHz, VIN = FSR −0.1 dB, TA = 25˚C
60
57.3
dB (min)
f
IN = 19.7 MHz, VIN = FSR −0.1 dB
59
dB
THD
Total Harmonic Distortion
f
IN = 4.43 MHz, VIN = FSR −0.1 dB
−70
dB
f
IN = 10.4 MHz, VIN = FSR −0.1 dB, TA = 25˚C
−69
−61
dB (min)
f
IN = 19.7 MHz, VIN = FSR −0.1 dB
−67
dB
HS2
Second Harmonic
f
IN = 4.43 MHz, VIN = FSR −0.1 dB
−86
dB
f
IN = 10.4 MHz, VIN = FSR −0.1 dB
−83
dB
f
IN = 19.7 MHz, VIN = FSR −0.1 dB
−81
dB
HS3
Third Harmonic
f
IN = 4.43 MHz, VIN = FSR −0.1 dB
−73
dB
f
IN = 10.4 MHz, VIN = FSR −0.1 dB
−73
dB
f
IN = 19.7 MHz, VIN = FSR −0.1 dB
−72
dB
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com