Electronic Components Datasheet Search
  English  ▼

X  

AD9993-EBZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD9993-EBZ
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993-EBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9993-EBZ Datasheet HTML 38Page - Analog Devices AD9993-EBZ Datasheet HTML 39Page - Analog Devices AD9993-EBZ Datasheet HTML 40Page - Analog Devices AD9993-EBZ Datasheet HTML 41Page - Analog Devices AD9993-EBZ Datasheet HTML 42Page - Analog Devices AD9993-EBZ Datasheet HTML 43Page - Analog Devices AD9993-EBZ Datasheet HTML 44Page - Analog Devices AD9993-EBZ Datasheet HTML 45Page - Analog Devices AD9993-EBZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
Data Sheet
AD9993
Rev. A | Page 41 of 56
Table 34. Bit Descriptions for DAC_LVDS_CTRL
Bits
Bit Name
Description
Reset
Access
[3:0]
DAC_RES_CAL
DAC LVDS Rx termination selection.
0xD
RW
0001 = 977 Ω.
0010 = 497 Ω.
0011 = 341 Ω.
0100 = 267 Ω.
0101 = 215 Ω.
0110 = 184 Ω.
0111 = 160 Ω.
1000 = 145Ω.
1001 = 131 Ω.
1010 = 121 Ω.
1011 = 112 .
1100 = 105 Ω.
1101 = 99 Ω.
1110 = 93Ω.
1111 = 89 Ω.
DAC LVDS CURRENT BIAS CONTROL REGISTER
Address: 0x036, Reset: 0x00, Name: DAC_LVDS_BIAS
Table 35. Bit Descriptions for DAC_LVDS_BIAS
Bits
Bit Name
Description
Reset
Access
[5:4]
DAC_IAMP
Adjust bias current for LVDS DAC receiver.
0x0
RW
00 = nominal.
01 = 25%.
10 = 50%.
11 = 75%.
[1:0]
DAC_IRCV
Adjust the bias current to cascade voltage for LVDS DAC receiver.
0x0
RW
00 = nominal.
01 = 25%.
10 = 50%.
11 = 75%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com