Electronic Components Datasheet Search
  English  ▼

X  

AD9993-EBZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9993-EBZ
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993-EBZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9993-EBZ Datasheet HTML 40Page - Analog Devices AD9993-EBZ Datasheet HTML 41Page - Analog Devices AD9993-EBZ Datasheet HTML 42Page - Analog Devices AD9993-EBZ Datasheet HTML 43Page - Analog Devices AD9993-EBZ Datasheet HTML 44Page - Analog Devices AD9993-EBZ Datasheet HTML 45Page - Analog Devices AD9993-EBZ Datasheet HTML 46Page - Analog Devices AD9993-EBZ Datasheet HTML 47Page - Analog Devices AD9993-EBZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
Data Sheet
AD9993
Rev. A | Page 43 of 56
DAC IQ CALIBRATION CONTROL REGISTER
Address: 0x03C, Reset: 0x04, Name: DAC_CAL_IQ_CTRL
Table 38. Bit Descriptions for DAC_CAL_IQ_CTRL
Bits
Bit Name
Description
Reset
Access
5
DAC_CAL_IQ_START
Starts DAC IQ calibration.
0x0
RW
4
DAC_CAL_IQ_RESET
Resets DAC IQ calibration.
0x0
RW
2
PD_DAC_CAL_CLK
0 = DAC IQ calibration clock enabled. Must be 0 to run IQ calibration.
0x1
RW
1 = DAC IQ calibration clock disabled.
1
DAC_CAL_IQ_SEL
Selects output of IQ calibration. Must be 1 to run IQ calibration.
0x0
RW
0
DAC_CAL_IQ_EN
Enables DAC I to Q calibration. Must stay high until DAC_CAL_IQ_DONE = 1.
0x0
RW
DAC IQ CALIBRATION STATUS REGISTER
Address: 0x03D, Reset: 0x00, Name: DAC_CAL_IQ_STAT
Table 39. Bit Descriptions for DAC_CAL_IQ_STAT
Bits
Bit Name
Description
Reset
Access
[7:1]
DAC_CAL_IQ_RD
Value of DAC IQ calibration, valid when DAC_CAL_IQ_DONE = 1.
0x0
R
0
DAC_CAL_IQ_DONE
Indicates when DAC IQ calibration is done.
0x0
R
DAC RX FIFO STATUS 1 REGISTER
Address: 0x03F, Reset: 0x55, Name: DAC_FIFO_STS1
Table 40. Bit Descriptions for DAC_FIFO_STS1
Bits
Bit Name
Description
Reset
Access
[7:0]
RXFIFO_THERM
Thermal value of FIFO usage.
0x55
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com