Electronic Components Datasheet Search
  English  ▼

X  

AD9993-EBZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9993-EBZ
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993-EBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9993-EBZ Datasheet HTML 13Page - Analog Devices AD9993-EBZ Datasheet HTML 14Page - Analog Devices AD9993-EBZ Datasheet HTML 15Page - Analog Devices AD9993-EBZ Datasheet HTML 16Page - Analog Devices AD9993-EBZ Datasheet HTML 17Page - Analog Devices AD9993-EBZ Datasheet HTML 18Page - Analog Devices AD9993-EBZ Datasheet HTML 19Page - Analog Devices AD9993-EBZ Datasheet HTML 20Page - Analog Devices AD9993-EBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
AD9993
Data Sheet
Rev. A | Page 16 of 56
THEORY OF OPERATION
PRODUCT DESCRIPTION
Figure 1 shows a block diagram of the MxFE. This product
integrates four 14-bit ADCs and two 14-bit DACs. The DAC
data interface consists of six DDR LVDS data lanes for each
DAC and a shared DCI_P/DCI_N clock (hereafter referred to
as DCI). The ADC data interface consists of four DDR LVDS
data lanes for each ADC with a shared DCO_P/DCO_N clock
(hereafter referred to as DCO) and a shared STROBE output.
The MxFE control and status registers are written/read via an
SPI interface. ADC and DAC datapaths include FIFO buffers to
absorb phase differences between LVDS lane timing and the
data converter sampling clocks. Internal AD9993 clock signals
can be developed from an external clock signal or from the
output of an on-chip PLL frequency multiplier driven by an
external reference oscillator.
SPI PORT
The AD9993 provides a 4-wire synchronous serial communica-
tions SPI port that allows easy interfacing to ASICs, FPGAs, and
industry-standard microcontrollers. The interface facilitates
read/write access to all registers that configure the AD9993. Its
data rate can be up to 25 MHz.
SPI Port Signals
SPI_SCLK (serial clock) is the serial shift clock. The serial clock
pin synchronizes data to and from the device and runs the
internal state machines. All address and input data bits are
sampled on the rising edge of SPI_SCLK. All output data is
driven out on the falling edge of SPI_SCLK.
SPI_CS (chip select) is an active low control signal used by the
SPI master to select the AD9993 SPI port. When SPI_CS is
high, SPI_SDO is in a high impedance state. During the
communication cycle, chip select must remain low.
SPI_SDI (serial data input) is the address and data input,
sampled on the rising edge of SPI_SCLK.
SPI_SDO (serial data output) is the data output pin. Data is
shifted out on the falling edge of SCLK
Figure 20 shows a timing diagram for a single byte MSB first
AD9993 SPI write operation. Each AD9993 register address is
an 8-bit value. During the first SPI_SCLK cycle, SPI_SDI = 0,
indicating that the operation is a data write. SPI_SDI is always
held low for the next two clock cycles. The next 13 clock cycles
are the first register address. The next eight clock cycles contain
data to be written. The write operation ends when SPI_CS goes
high. In this example, data for one 8-bit register is written.
Multiple registers can be written in a single write operation by
keeping SPI_CS low for multiple byte periods. The register
address is automatically updated using an address counter as
bytes are written while SPI_CS remains low.
Figure 21 depicts an MSB first register read operation. Register
data from the AD9993 appears on SPI_SDO starting on the
SPI_SCLK cycle following the last bit of the 16-bit instruction
header on SPI_SDI. Multiple registers can be read in a single
read operation by keeping SPI_CS low for multiple byte
periods.
Figure 20. 4-Wire SPI Interface Timing, MSB First Write
Figure 21. 4-Wire SPI Interface Timing, MSB First Read
SPI_CS
SPI_SCLK
A12 A11 A11 A9 A8
16-BIT INSTRUCTION HEADER
REGISTER DATA
A7 A6 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0
W0
W1
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
R/W
SPI_SDI
SPI_SDO
D7 D6 D5 D4 D3 D2 D1 D0
SPI_CS
SPI_SCLK
A12 A11 A11 A9 A8
16-BIT INSTRUCTION HEADER
REGISTER DATA
A7 A6 A5 A4 A3 A2 A1 A0
W0
W1
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
R/W
SPI_SDI
SPI_SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com