Electronic Components Datasheet Search
  English  ▼

X  

AD9993-EBZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD9993-EBZ
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993-EBZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9993-EBZ Datasheet HTML 49Page - Analog Devices AD9993-EBZ Datasheet HTML 50Page - Analog Devices AD9993-EBZ Datasheet HTML 51Page - Analog Devices AD9993-EBZ Datasheet HTML 52Page - Analog Devices AD9993-EBZ Datasheet HTML 53Page - Analog Devices AD9993-EBZ Datasheet HTML 54Page - Analog Devices AD9993-EBZ Datasheet HTML 55Page - Analog Devices AD9993-EBZ Datasheet HTML 56Page - Analog Devices AD9993-EBZ Datasheet HTML 57Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 57 page
background image
AD9993
Data Sheet
Rev. A | Page 56 of 56
OUTLINE DIMENSIONS
Figure 33. 196-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-196-9)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9993BBCZ
−40°C to +85°C
196-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-196-9
AD9993BBCZRL
−40°C to +85°C
196-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-196-9
AD9993-EBZ
Evaluation Board
1 Z = RoHS Compliant Part.
*COMPLIANT TO JEDEC STANDARDS MO-219 WITH
EXCEPTION TO PACKAGE HEIGHT.
0.80
BSC
0.80
REF
0.54
REF
0.36
REF
A
B
C
D
E
F
G
9
10
8
11
12
13
14
7
5
64
2
31
BOTTOM VIEW
10.40
BSC SQ
H
J
K
L
M
N
P
DETAIL A
TOP VIEW
DETAIL A
COPLANARITY
0.12
0.50
0.45
0.40
BALL DIAMETER
SEATING
PLANE
12.10
12.00 SQ
11.90
A1 BALL
CORNER
A1 BALL
CORNER
*1.40
1.24
1.15
0.97
0.90
0.83
0.39
0.34
0.29
©2014 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12260-0-5/14(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com