Electronic Components Datasheet Search
  English  ▼

X  

AD9993-EBZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9993-EBZ
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993-EBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9993-EBZ Datasheet HTML 11Page - Analog Devices AD9993-EBZ Datasheet HTML 12Page - Analog Devices AD9993-EBZ Datasheet HTML 13Page - Analog Devices AD9993-EBZ Datasheet HTML 14Page - Analog Devices AD9993-EBZ Datasheet HTML 15Page - Analog Devices AD9993-EBZ Datasheet HTML 16Page - Analog Devices AD9993-EBZ Datasheet HTML 17Page - Analog Devices AD9993-EBZ Datasheet HTML 18Page - Analog Devices AD9993-EBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
AD9993
Data Sheet
Rev. A | Page 14 of 56
fDAC = 500 MHz, unless otherwise specified.
Figure 18. IMD3 at Three DAC Sampling Frequencies (fDAC) vs. fOUT
Figure 19. NSD at Three Temperatures vs. fOUT
0
–45
–85
–80
–50
–55
–60
–65
–75
–70
–90
50
100
150
fOUT (MHz)
200
250
fDAC = 300MHz, DAC B, EXTERNAL CLOCK
fDAC = 400MHz, DAC B, EXTERNAL CLOCK
fDAC = 500MHz, DAC B, EXTERNAL CLOCK
0
–135
–145
–140
–150
–160
–155
–165
50
100
150
fOUT (MHz)
200
250
fDAC = 500MHz, DAC A, +25°C, EXTERNAL CLOCK
f
DAC = 500MHz, DAC A, +85°C, EXTERNAL CLOCK
fDAC = 500MHz, DAC A, –40°C, EXTERNAL CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com